Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACAS0606AT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ACAS0606AT
Description  Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAS0606AT Datasheet(HTML) 1 Page - Vishay Siliconix

  ACAS0606AT Datasheet HTML 1Page - Vishay Siliconix ACAS0606AT Datasheet HTML 2Page - Vishay Siliconix ACAS0606AT Datasheet HTML 3Page - Vishay Siliconix ACAS0606AT Datasheet HTML 4Page - Vishay Siliconix ACAS0606AT Datasheet HTML 5Page - Vishay Siliconix ACAS0606AT Datasheet HTML 6Page - Vishay Siliconix ACAS0606AT Datasheet HTML 7Page - Vishay Siliconix ACAS0606AT Datasheet HTML 8Page - Vishay Siliconix ACAS0606AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACAS 0606 AT, ACAS 0612 AT - Precision
www.vishay.com
Vishay Beyschlag
Revision: 17-Aug-2022
1
Document Number: 28770
For technical questions, contact: thinfilmarray@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision Thin Film Chip Resistor Array
Superior Moisture Resistivity
ACAS 0606 AT and ACAS 0612 AT precision automotive
grade thin film chip resistor arrays with convex terminations
combine the proven reliability of discrete chip resistors with
the advantages of chip resistor arrays. Defined relative
tolerance (matching) and relative TCR (tracking) make this
product perfectly suited for applications with outstanding
requirements towards stable fixed resistor ratios. The ACAS
AT is available with equal or different resistor values. Find
out
more
about
Vishay
Automotive
Grade
product
requirements at: www.vishay.com/doc?49924
FEATURES
• Superior moisture resistivity, |
ΔR/R| < 0.5 %
(85 °C; 85 % RH; 1000 h)
• Rated dissipation
P70 up to 125 mW per resistor
• ESD stability 1000 V, human body model
• Relative TCR down to ± 5 ppm/K (tracking)
• Relative tolerance down to ± 0.05 % (matching)
• AEC-Q200 qualified
• Advanced
sulfur
resistance
verified
according
to
ASTM B 809
• Different resistance values freely selectable
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive
• Industrial equipment
• Precision analogue circuits
• Voltage divider
• Feedback circuits
• Signal conditioning
Notes
• The relative figures of tolerance, TCR and drift are related to a medial axis between the maximum and minimum permissible deviation of the
resistor array. For detailed information please refer to the application note: Increasing Accuracy in Feedback Circuits and Voltage Dividers
with Thin Film Chip Resistor Arrays (www.vishay.com/doc?28194)
(1) Resistance values to be selected from E24; E192
(2) Please refer to APPLICATION INFORMATION
TECHNICAL SPECIFICATIONS
DESCRIPTION
ACAS 0606 AT
ACAS 0612 AT
Imperial size
0606
0612
Metric size code
RR1616M
RR1632M
Configuration, isolated
2 x 0603
4 x 0603
Design:
All equal values (AE)
AE
AE
Two pairs of values (TP)
TP
Different values (DF)
DF
Resistance range
47
Ω to 150 kΩ (1)
Absolute tolerance
± 0.1 %
Relative tolerance
± 0.05 %
Absolute temperature coefficient
± 25 ppm/K; ± 15 ppm/K; ± 10 ppm/K
Relative temperature coefficient
± 15 ppm/K; ± 10 ppm/K; ± 5 ppm/K
Max. resistance ratio
Rmin./Rmax.
1:100
Rated dissipation:
P70 (2)
Element
0.125 W
0.125 W
Package
0.2 W
0.4 W
Operating voltage,
Umax. ACRMS/DC
100 V
Permissible film temperature,
ϑF max. (2)
155 °C
Operating temperature range
-55 °C to 155 °C
Internal thermal resistance (2)
39 K/W
20 K/W
Insulation voltage (
Uins) against ambient and
between integrated resistors, continuous
100 V


Similar Part No. - ACAS0606AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT Datasheet
176Kb / 8P
Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
06-Nov-09
More results

Similar Description - ACAS0606AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
Automotive Precision Thin Film Chip Resistor Array
11-Sep-08
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
Precision Thin Film Chip Resistor Array
11-Sep-08
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
06-Nov-09
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
Professional Thin Film Chip Resistor Superior Moisture Resistivity
07-Dec-09
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
logo
Riedon Powertron
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
Thin Film Precision Chip Resistor
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
Precision Thin Film Chip Resistor Superior Moisture Resistivity
09-Apr-09
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
Precision Thin Film Chip Resistor
7/8/2022
RNCS SEI-RNCS Datasheet
449Kb / 7P
Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com