Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACASA030P100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ACASA030P100
Description  Professional Thin Film Chip Resistor Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACASA030P100 Datasheet(HTML) 1 Page - Vishay Siliconix

  ACASA030P100 Datasheet HTML 1Page - Vishay Siliconix ACASA030P100 Datasheet HTML 2Page - Vishay Siliconix ACASA030P100 Datasheet HTML 3Page - Vishay Siliconix ACASA030P100 Datasheet HTML 4Page - Vishay Siliconix ACASA030P100 Datasheet HTML 5Page - Vishay Siliconix ACASA030P100 Datasheet HTML 6Page - Vishay Siliconix ACASA030P100 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACAS 0612 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 13-Dec-12
1
Document Number: 28754
For technical questions, contact: thinfilmarray@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Professional Thin Film Chip Resistor Array
The ACAS 0612 thin film chip resistor arrays combine the
proven reliability of professional thin film chip resistor
products with the advantages of chip resistor arrays. A small
package enables the design of high density circuits in
combination with reduction of assembly costs. Four equal
resistor values or two pairs are available.
FEATURES
• Advanced thin film technology
• Two pairs or four equal resistor values
• TCR down to ± 25 ppm/K
• Tolerance down to ± 0.5 %
• Pure Sn termination on Ni barrier layer
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Voltage divider
• Feedback circuits
• Signal conditioning
Notes
(1) Resistance values to be selected from E24; E192.
(2) For specified TCR tracking, tolerance matching and even tighter absolute tolerance and TCR please refer to data sheet ACAS 0612 -
Precision available on our web site at www.vishay.com/doc?28751.
TECHNICAL SPECIFICATIONS
DESCRIPTION
ACAS 0612
EIA size
0612
Metric size
RR1632M
Configuration, isolated
4 x 0603
Design:
All equal
AE
Two pairs
TP
Resistance values
47
 to 221 k (1)
Absolute tolerance (2)
±
1 %; ± 0.5 %
Absolute temperature coefficient (2)
± 50 ppm/K; ± 25 ppm/K
Max. resistance ratio Rmin./Rmax.
1:10
Rated dissipation: P70
Element
0.1 W
Package, 4 x 0603
0.3 W
Operating voltage
75 V
Permissibe film temperature
125 °C
Operating temperature range
- 55 °C to 125 °C
Insulation voltage (Uins) against ambient and between isolated
resistors, continuous
75 V


Similar Part No. - ACASA030P100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACASA0S0P100 VISHAY-ACASA0S0P100 Datasheet
131Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
ACASA0S0P1AT VISHAY-ACASA0S0P1AT Datasheet
134Kb / 9P
Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
17-Aug-2022
ACASA0S0P500 VISHAY-ACASA0S0P500 Datasheet
131Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
ACASA0S0P5AT VISHAY-ACASA0S0P5AT Datasheet
134Kb / 9P
Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
17-Aug-2022
ACASA0S1P100 VISHAY-ACASA0S1P100 Datasheet
131Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
More results

Similar Description - ACASA030P100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TRA06E VISHAY-TRA06E Datasheet
84Kb / 2P
Thin Film, Resistor Array
05-Apr-04
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
Automotive Precision Thin Film Chip Resistor Array
11-Sep-08
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
Precision Thin Film Chip Resistor Array
11-Sep-08
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
Professional Thin Film Chip Resistor Array
11-Sep-08
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
Professional Thin Film Chip Resistor Superior Moisture Resistivity
07-Dec-09
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com