Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MER2002FCT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MER2002FCT
Description  Super Fast Recovery Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MER2002FCT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MER2002FCT Datasheet HTML 1Page - Pan Jit International Inc. MER2002FCT Datasheet HTML 2Page - Pan Jit International Inc. MER2002FCT Datasheet HTML 3Page - Pan Jit International Inc. MER2002FCT Datasheet HTML 4Page - Pan Jit International Inc. MER2002FCT Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MER2002FCT
April 19,2022
MER2002FCT-REV.00
Page 1
Super Fast Recovery Rectifier
Voltage
200 V
Current
20 A
ITO-220AB
Features
 Superfast recovery times-epitaxial construction
 Low forward voltage, high current capability
 Low leakage
 Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case : ITO-220AB Package
 Terminals : Solderable per MIL-STD-750, Method 2026
 Approx. Weight : 1.6 grams
Maximum Ratings and Thermal Characteristics (TA = 25
o
C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
200
V
Maximum RMS Voltage
VRMS
140
V
Maximum DC Blocking Voltage
VDC
200
V
Maximum Average Forward Current
per device
per diode
IF(AV)
20
10
A
Peak Forward Surge Current : 8.3 ms Single Half Sine-
Wave Superimposed On Rated Load Per Diode
IFSM
170
A
Typical Junction Capacitance
Measured at 1 MHZ And Applied VR = 4 V
CJ
100
pF
Typical Thermal Resistance
(Note 1)
(Note 1)
RθJC
RθJL
6
6.5
oC/W
Operating Junction Temperature Range
TJ
-55~175
oC
Storage Temperature Range
TSTG
-55~175
oC
①
③
②


Similar Part No. - MER2002FCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MER2002CT PANJIT-MER2002CT Datasheet
293Kb / 5P
Super Fast Recovery Rectifier
April 19,2022 MER2002CT-REV.00
MER2002CT_T0_00601 PANJIT-MER2002CT_T0_00601 Datasheet
293Kb / 5P
Super Fast Recovery Rectifier
April 19,2022 MER2002CT-REV.00
More results

Similar Description - MER2002FCT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF101 GOOD-ARK-SF101 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
SUPER FAST RECOVERY RECTIFIER
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
TRANSYS Electronics Lim...
60HFU TEL-60HFU Datasheet
199Kb / 1P
Super Fast Recovery Rectifier
85HFL TEL-85HFL Datasheet
201Kb / 1P
Super Fast Recovery Rectifier
SD203N TEL-SD203N Datasheet
158Kb / 1P
Super Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
SF11 MIC-SF11 Datasheet
56Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
SUPER FAST RECOVERY RECTIFIER
SF51 CHONGQING-SF51 Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
logo
Chenmko Enterprise Co. ...
U16P20PT CHENMKO-U16P20PT Datasheet
68Kb / 2P
SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com