Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP63301Q Datasheet(PDF) 17 Page - Diodes Incorporated

Part # AP63301Q
Description  AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63301Q Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button AP63301Q Datasheet HTML 13Page - Diodes Incorporated AP63301Q Datasheet HTML 14Page - Diodes Incorporated AP63301Q Datasheet HTML 15Page - Diodes Incorporated AP63301Q Datasheet HTML 16Page - Diodes Incorporated AP63301Q Datasheet HTML 17Page - Diodes Incorporated AP63301Q Datasheet HTML 18Page - Diodes Incorporated AP63301Q Datasheet HTML 19Page - Diodes Incorporated AP63301Q Datasheet HTML 20Page - Diodes Incorporated AP63301Q Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
AP63300Q/AP63301Q
Document number: DS43699 Rev. 1 - 2
17 of 22
www.diodes.com
May 2021
© Diodes Incorporated
AP63300Q/AP63301Q
Application Information (continued)
10
Setting the Output Voltage
The AP63300Q/AP63301Q has adjustable output voltages starting from 0.8V using an external resistive divider. An optional external capacitor, C4
in Figure 1, of 10pF to 220pF improves the transient response. The resistor values of the feedback network are selected based on a design trade-
off between efficiency and output voltage accuracy. There is less current consumption in the feedback network for high resistor values, which
improves efficiency at light loads. However, values too high cause the device to be more susceptible to noise affecting its output voltage accuracy.
R1 can be determined by the following equation:
������������ = ������������ ∙ (
������������������������
������. ������������
− ������)
Eq. 6
Table 1 shows a list of recommended component selections for common AP63300Q/AP63301Q output voltages referencing Figure 1.
Table 1. Recommended Component Selections
AP63300Q/AP63301Q
Output Voltage
(V)
R1
(k
Ω)
R2
(k
Ω)
L
(µH)
C1
(µF)
C2
(µF)
C3
(nF)
C4
(pF)
1.2
15.0
30.1
2.2
10
3 x 22
100
OPEN
1.5
26.1
30.1
3.3
10
3 x 22
100
OPEN
1.8
37.4
30.1
3.3
10
2 x 22
100
OPEN
2.5
63.4
30.1
4.7
10
2 x 22
100
56
3.3
93.1
30.1
4.7
10
2 x 22
100
56
5.0
158.0
30.1
6.8
10
2 x 22
100
47
12.0
422.0
30.1
10.0
10
2 x 22
100
12
11
Inductor
Calculating the inductor value is a critical factor in designing a buck converter. For most designs, the following equation can be used to calculate
the inductor value:
������ =
������������������������ ∙ (������������������ − ������������������������)
������������������ ∙ ∆������������ ∙ ������������������
Eq. 7
Where:
∆IL is the inductor current ripple
fSW is the buck converter switching frequency
For AP63300Q/AP63301Q
, choose ∆IL to be 30% to 40% of the maximum load current of 3A.
The inductor peak current is calculated by:
������������
������������������������ = ������������������������������ +
∆������������
������
Eq. 8
Peak current determines the required saturation current rating, which influences the size of the inductor. Saturating the inductor decreases the
converter efficiency while increasing the temperatures of the inductor and the internal power MOSFETs. Therefore, choosing an inductor with the
appropriate saturation current rating is important. For most applications, it is recommended to select an inductor of approximately 2.2µH to 10µH
with a DC current rating of at least 35% higher than the maximum load current. For highest efficiency, the inductor’s DC resistance should be less
than 3
0mΩ. Use a larger inductance for improved efficiency under light load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com