Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP64060Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP64060Q
Description  4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64060Q Datasheet(HTML) 3 Page - Diodes Incorporated

  AP64060Q Datasheet HTML 1Page - Diodes Incorporated AP64060Q Datasheet HTML 2Page - Diodes Incorporated AP64060Q Datasheet HTML 3Page - Diodes Incorporated AP64060Q Datasheet HTML 4Page - Diodes Incorporated AP64060Q Datasheet HTML 5Page - Diodes Incorporated AP64060Q Datasheet HTML 6Page - Diodes Incorporated AP64060Q Datasheet HTML 7Page - Diodes Incorporated AP64060Q Datasheet HTML 8Page - Diodes Incorporated AP64060Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AP64060Q
Document number: DS44124 Rev. 3 - 2
3 of 19
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP64060Q
Pin Descriptions
Pin Name
Pin Number
Function
BST
1
High-Side Gate Drive Boost Input. BST supplies the drive for the high-side N-Channel power MOSFET. A 100nF
capacitor is recommended from BST to SW to power the high-side driver.
GND
2
Power Ground.
FB
3
Feedback sensing terminal for the output voltage. Connect this pin to the resistive divider of the output.
See Setting the Output Voltage section for more details.
EN
4
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the regulator and low to
turn it off. Connect to VIN for automatic startup. The EN has a precision threshold of 1.21V for programing the UVLO.
See Enable section for more details.
VIN
5
Power Input. VIN supplies the power to the IC as well as the step-down converter power MOSFETs. Drive VIN with a
4.5V to 40V power source. Bypass VIN to GND with a suitably large capacitor to eliminate noise due to the switching
of the IC. See Input Capacitor section for more details.
SW
6
Power Switching Output. SW is the switching node that supplies power to the output. Connect the output LC filter
from SW to the output load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com