Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP64200 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP64200
Description  3.8V TO 40V INPUT, 2A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64200 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP64200 Datasheet HTML 4Page - Diodes Incorporated AP64200 Datasheet HTML 5Page - Diodes Incorporated AP64200 Datasheet HTML 6Page - Diodes Incorporated AP64200 Datasheet HTML 7Page - Diodes Incorporated AP64200 Datasheet HTML 8Page - Diodes Incorporated AP64200 Datasheet HTML 9Page - Diodes Incorporated AP64200 Datasheet HTML 10Page - Diodes Incorporated AP64200 Datasheet HTML 11Page - Diodes Incorporated AP64200 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
AP64200
Document number: DS43573 Rev. 1 - 2
8 of 26
www.diodes.com
March 2021
© Diodes Incorporated
AP64200
Typical Performance Characteristics (AP64200 @ TA = +25°C, VIN = 12V, VOUT = 5V, fSW = 500kHz (RT = 200kΩ ±1%),
BOM = Table 1, unless otherwise specified.) (continued)
Figure 10. IQ vs. Temperature
Figure 11. ISHDN vs. Temperature
Figure 12. VIN Power-On Reset and UVLO vs. Temperature
Figure 13. fSW vs. Load
Figure 14. Output Voltage Ripple, VOUT = 5V, IOUT = 50mA
Figure 15. Output Voltage Ripple, VOUT = 5V, IOUT = 2A
20
22
24
26
28
30
32
34
36
38
40
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
VIN Rising POR
VIN Falling UVLO
0
60
120
180
240
300
360
420
480
540
600
0.001
0.010
0.100
1.000
10.000
IOUT (A)
10
μs/div
VOUTAC (100mV/div)
IL (1A/div)
VSW (10V/div)
VOUTAC (20mV/div)
IL (2A/div)
VSW (10V/div)
2
μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com