Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LLC02N Datasheet(PDF) 7 Page - Ceramate Technical

Part # 24LLC02N
Description  2K-Bits Serial EEPROM For Low Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LLC02N Datasheet(HTML) 7 Page - Ceramate Technical

Back Button 24LLC02N Datasheet HTML 3Page - Ceramate Technical 24LLC02N Datasheet HTML 4Page - Ceramate Technical 24LLC02N Datasheet HTML 5Page - Ceramate Technical 24LLC02N Datasheet HTML 6Page - Ceramate Technical 24LLC02N Datasheet HTML 7Page - Ceramate Technical 24LLC02N Datasheet HTML 8Page - Ceramate Technical 24LLC02N Datasheet HTML 9Page - Ceramate Technical 24LLC02N Datasheet HTML 10Page - Ceramate Technical 24LLC02N Datasheet HTML 11Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
24LLC02
2K-Bits Serial EEPROM For Low Power
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 7 of 19
Rev 1.0 Dec. 26, 2001
Master
SCL Line
Data from
Transmitter
ACK
ACK from
Receiver
Bit 9
Bit 1
Figure 1-8. Acknowledge Response From Receiver
•
Slave Address : After the master initiates a Start condition, it must output the address of the device to be
accessed. The most significant four bits of the slave address are called the “device identifier”. The identifier
for the
24LLC02 is “1010B”. The next three bits comprise the address of a specific device. The device
address is defined by the state of the A0, A1 and A2 pins. Using this addressing scheme, you can cascade
up to eight 24LLC02 on the bus (see Table 1-2 below).are used by the master to select which of the blocks
of internal memory (1 block= 256 words) are to be accessed. The bits are in effect the most significant bits
of the word address.
•
Read/Write : The final (eighth) bit of the slave address defines the type of operation to be performed. If the
R /W bit is “1”, a read operation is executed. If it is “0”, a write operation is executed.
Table 1-2. Slave Device Addressing
Device
Device Identifier
Device Address
R/ W
W
Bit
b7
b6
b5
b4
b3
b2
b1
b0
24 LLC 02
1
0
1
0
A2
A1
A0
R/ W
NOTE:
The B2, B1, B0 correspond to the MSB of the memory array address word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com