Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LLC16T Datasheet(PDF) 1 Page - Ceramate Technical

Part # 24LLC16T
Description  16K-Bit-Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LLC16T Datasheet(HTML) 1 Page - Ceramate Technical

  24LLC16T Datasheet HTML 1Page - Ceramate Technical 24LLC16T Datasheet HTML 2Page - Ceramate Technical 24LLC16T Datasheet HTML 3Page - Ceramate Technical 24LLC16T Datasheet HTML 4Page - Ceramate Technical 24LLC16T Datasheet HTML 5Page - Ceramate Technical 24LLC16T Datasheet HTML 6Page - Ceramate Technical 24LLC16T Datasheet HTML 7Page - Ceramate Technical 24LLC16T Datasheet HTML 8Page - Ceramate Technical 24LLC16T Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
24LLC16
16K-Bit-Serial EEPROM
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
1 of 22
Rev 1.0 Aug.5, 2002
OVERVIEW
The 24LLC16 serial EEPROM has a 16 Kbits (2,048 bytes) capacity, supporting the standard I2C™-bus serial
interface. It is fabricated using CERAMATE’s most advanced CMOS technology. One of its major features is a
hardware-based write protection circuit for the entire memory area. Hardware-based write protection is controlled
by the state of the write-protect (WP) pin. Using one-page write mode, you can load up to 16 bytes of data into
the EEPROM in a single write operation. Another significant feature of the 24LLC1616 is its support for fast
mode and standard mode.
FEATURES
I
2C-Bus Interface
•
Two-wire serial interface
•
Automatic word address increment
EEPROM
•
16 Kbits (2,048 bytes) storage area
•
16-byte page buffer
•
Typical 3 ms write cycle time with
auto-erase function
•
Hardware-based write protection for the entire
EEPROM (using the WP pin)
•
EEPROM programming voltage generated
on chip
•
1,000,000 erase/write cycles
•
100 years data retention
Operating Characteristics
•
Operating voltage: 2.0 V to 5.5 V
•
Operating current
— Maximum write current: < 3 mA at 5.5 V
— Maximum read current: < 200 µA at 5.5 V
— Maximum stand-by current: < 2 µA at 2.0 V
•
Operating temperature range
— – 25°C to + 70°C (commercial)
— – 40°C to + 85°C (industrial)
•
Operating clock frequencies
— 100 kHz at standard mode
— 400 kHz at fast mode
•
Electrostatic discharge (ESD)
— 5,000 V (HBM)
— 400 V (MM)
Packages
•
8-pin DIP, SOP, and TSSOP
ORDERING INFORMATION
24 LLC 16 X X
Operating Voltage
Type
Temp. grade
Packing
LLC:2.0~5.5V,CMOS 16=16K
Blank:-25℃~+70℃
Blank :Tube
A :Taping(SOP8)
T :Taping(TSSOP8)


Similar Part No. - 24LLC16T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24LLC02 ETC-24LLC02 Datasheet
663Kb / 19P
2K-bit Serial EEPROM for Low Power
logo
Ceramate Technical
24LLC02 CERAMATE-24LLC02 Datasheet
458Kb / 19P
2K-Bits Serial EEPROM For Low Power
logo
List of Unclassifed Man...
24LLC02A ETC-24LLC02A Datasheet
663Kb / 19P
2K-bit Serial EEPROM for Low Power
logo
Ceramate Technical
24LLC02A CERAMATE-24LLC02A Datasheet
458Kb / 19P
2K-Bits Serial EEPROM For Low Power
24LLC02N CERAMATE-24LLC02N Datasheet
458Kb / 19P
2K-Bits Serial EEPROM For Low Power
More results

Similar Description - 24LLC16T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524L50D51 SAMSUNG-S524L50D51 Datasheet
142Kb / 20P
16K-bit Serial EEPROM
S524L50X51 SAMSUNG-S524L50X51 Datasheet
140Kb / 20P
16K-bit Serial EEPROM
logo
Fairchild Semiconductor
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
16K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
16K-Bit Microwire Serial EEPROM
CAT24WC164 CATALYST-CAT24WC164 Datasheet
410Kb / 10P
16K-Bit Serial EEPROM, Cascadable
CAT24WC164 CATALYST-CAT24WC164_1 Datasheet
642Kb / 13P
16K-Bit Serial EEPROM, Cascadable
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
16K-Bit Microwire Serial EEPROM
logo
Microchip Technology
24AA16 MICROCHIP-24AA16_09 Datasheet
557Kb / 32P
16K I2C??Serial EEPROM
2009
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
16K-Bit Microwire Serial EEPROM
Rev. S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com