Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD055N08NF2S Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPD055N08NF2S
Description  StrongIRFETTM 2Power-Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD055N08NF2S Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPD055N08NF2S Datasheet HTML 3Page - Infineon Technologies AG IPD055N08NF2S Datasheet HTML 4Page - Infineon Technologies AG IPD055N08NF2S Datasheet HTML 5Page - Infineon Technologies AG IPD055N08NF2S Datasheet HTML 6Page - Infineon Technologies AG IPD055N08NF2S Datasheet HTML 7Page - Infineon Technologies AG IPD055N08NF2S Datasheet HTML 8Page - Infineon Technologies AG IPD055N08NF2S Datasheet HTML 9Page - Infineon Technologies AG IPD055N08NF2S Datasheet HTML 10Page - Infineon Technologies AG IPD055N08NF2S Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
StrongIRFETTM2Power-Transistor
IPD055N08NF2S
Rev.2.2,2022-10-10
Final Data Sheet
Diagram5:Typ.outputcharacteristics
VDS[V]
0
1
2
3
4
5
0
50
100
150
200
250
300
350
400
8 V
10 V
7 V
6 V
5 V
4.5 V
ID=f(VDS),Tj=25°C;parameter:VGS
Diagram6:Typ.drain-sourceonresistance
ID[A]
0
25
50
75
100
125
150
175
200
0
2
4
6
8
10
12
14
4.5 V
5 V
6 V
7 V
8 V
10 V
RDS(on)=f(ID),Tj=25°C;parameter:VGS
Diagram7:Typ.transfercharacteristics
VGS[V]
0
1
2
3
4
5
6
7
0
50
100
150
200
250
300
350
400
175 °C
25 °C
ID=f(VGS),|VDS|>2|ID|RDS(on)max;parameter:Tj
Diagram8:Typ.drain-sourceonresistance
VGS[V]
0
3
6
9
12
15
0.0
2.5
5.0
7.5
10.0
12.5
15.0
175 °C
25 °C
RDS(on)=f(VGS),ID=60A;parameter:Tj



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com