Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25110/50 Datasheet(PDF) 1 Page - Alpha Wire

Part # 25110/50
Description  Customer Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25110/50 Datasheet(HTML) 1 Page - Alpha Wire

  25110/50 Datasheet HTML 1Page - Alpha Wire 25110/50 Datasheet HTML 2Page - Alpha Wire 25110/50 Datasheet HTML 3Page - Alpha Wire 25110/50 Datasheet HTML 4Page - Alpha Wire 25110/50 Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Customer Specification
PART NO. 25110/50
Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
50 X 1 COND
a) Conductor
22 (7/30) AWG Tinned Copper
0.030
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.050
(1) Color Code
Alpha Wire Color Code E
Cond
Color
Cond
Color
Cond
Color
1
BLACK
18
WHITE/VIOLET
35
WHITE/RED/ORA
NGE
2
BROWN
19
WHITE/SLATE
36
WHITE/RED/YEL
LOW
3
RED
20
WHITE/BLACK/B
ROWN
37
WHITE/RED/GRE
EN
4
ORANGE
21
WHITE/BLACK/R
ED
38
WHITE/RED/BLU
E
5
YELLOW
22
WHITE/BLACK/O
RANGE
39
WHITE/RED/VIOL
ET
6
GREEN
23
WHITE/BLACK/Y
ELLOW
40
WHITE/RED/SLA
TE
7
BLUE
24
WHITE/BLACK/G
REEN
41
WHITE/ORANGE/
YELLOW
8
VIOLET
25
WHITE/BLACK/B
LUE
42
WHITE/ORANGE/
GREEN
9
SLATE
26
43


Similar Part No. - 25110/50

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25110/15 ALPHAWIRE-25110/15 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
25110/20 ALPHAWIRE-25110/20 Datasheet
98Kb / 4P
Customer Specification
12/13/2022
25110/25 ALPHAWIRE-25110/25 Datasheet
94Kb / 5P
Customer Specification
1/4/2023
25110/30 ALPHAWIRE-25110/30 Datasheet
396Kb / 4P
22 (7/30) AWG Tinned Copper
25110/40 ALPHAWIRE-25110/40 Datasheet
94Kb / 5P
Customer Specification
1/5/2023
More results

Similar Description - 25110/50

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com