Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP64352 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP64352
Description  3.8V TO 40V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64352 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP64352 Datasheet HTML 7Page - Diodes Incorporated AP64352 Datasheet HTML 8Page - Diodes Incorporated AP64352 Datasheet HTML 9Page - Diodes Incorporated AP64352 Datasheet HTML 10Page - Diodes Incorporated AP64352 Datasheet HTML 11Page - Diodes Incorporated AP64352 Datasheet HTML 12Page - Diodes Incorporated AP64352 Datasheet HTML 13Page - Diodes Incorporated AP64352 Datasheet HTML 14Page - Diodes Incorporated AP64352 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AP64352
Document number: DS41978 Rev. 5 - 2
11 of 21
www.diodes.com
August 2019
© Diodes Incorporated
AP64352
Application Information
1
Pulse Width Modulation (PWM) Operation
The AP64352 device is a 3.8V-to-40V input, 3.5A output, EMI friendly, fully integrated synchronous buck converter. Refer to the block diagram in
Figure 3. The device employs fixed-frequency peak current mode control. The switching frequency is programmable from 100kHz to 2.2MHz
through either of two modes, resistor timing or external clock synchronization, to allow optimizing either power efficiency or external component
size. The internal
clock’s rising edge initiates turning on the integrated high-side power MOSFET, Q1, for each cycle. When Q1 is on, the inductor
current rises linearly and the device charges the output capacitor. The current across Q1 is sensed and converted to a voltage with a ratio of RT
via the CSA block. The CSA output is combined with an internal slope compensation, SE, resulting in VSUM. When VSUM rises higher than the
COMP node, the device turns off Q1 and turns on the low-side power MOSFET, Q2. The inductor current decreases when Q2 is on. On the rising
edge of next clock cycle, Q2 turns off and Q1 turns on. This sequence repeats every clock cycle.
The error amplifier generates the COMP voltage by comparing the voltage on the FB pin with an internal 0.8V reference. An increase in load
current causes the feedback voltage to drop. The error amplifier thus raises the COMP voltage until the average inductor current matches the
increased load current. This feedback loop regulates the output voltage. The internal slope compensation circuitry prevents subharmonic
oscillation when the duty cycle is greater than 50% for peak current mode control.
The peak current mode control and integrated loop compensation network simplify the AP64352 footprint.
2
Pulse Frequency Modulation (PFM) Operation
In heavy load conditions, the AP64352 operates in forced PWM mode. As the load current decreases, the internal COMP node voltage also
decreases. At a certain limit, if the load current is low enough, the COMP node voltage is clamped and is prevented from decreasing any further.
The voltage at which COMP is clamped corresponds to the 750mA PFM peak inductor current limit. As the load current approaches zero, the
AP64352 enters PFM mode to increase the converter power efficiency at light load conditions. When the inductor current decreases to 0mA, zero
cross detection circuitry on the low-side power MOSFET, Q2, forces it off. The buck converter does not sink current from the output when the
output load is light and while the device is in PFM. Because the AP64352 works in PFM during light load conditions, it can achieve power
efficiency of up to 85% at a 5mA load condition.
The quiescent current of AP64352 is 22
μA typical under a no-load, non-switching condition.
3
Enable
When disabled, the device shutdown supply
current is only 1μA. When applying a voltage greater than the EN logic high threshold (typical 1.18V,
rising), the AP64352 enables all functions and the device initiates the soft-start phase. The EN pin is a high-voltage pin and can be directly
connected to VIN to automatically start up the device as VIN increases. An internal 1.5µA pull-up current source connected from the internal LDO-
regulated VCC to the EN pin guarantees that if EN is left floating, the device still automatically enables once the voltage reaches the EN logic high
threshold. The AP64352 has a programmable soft-start time to prevent output voltage overshoot and inrush current. When the EN voltage falls
below its logic low threshold (typical 1.09V, falling), the internal SS voltage discharges to ground and device operation disables.
The EN pin can also be used to program the undervoltage lockout thresholds. See Undervoltage Lockout (UVLO) section for more details.
Alternatively, a small ceramic capacitor can be added from EN to GND. This delays the triggering of EN, which delays the startup of the output
voltage. This is useful when sequencing multiple power rails to minimize input inrush current. The amount of capacitance is calculated by:
Eq. 1
Where:
Cd is the time delay capacitance in nF
td is the delay time in ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com