Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC Datasheet(PDF) 1 Page - Amphenol RF.

Part # AMMC
Description  Ultraminiature Product Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RF [Amphenol RF.]
Direct Link  https://www.amphenolrf.com/
Logo RF - Amphenol RF.

AMMC Datasheet(HTML) 1 Page - Amphenol RF.

  AMMC Datasheet HTML 1Page - Amphenol RF. AMMC Datasheet HTML 2Page - Amphenol RF.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Overview
Features and Benefits
Easy snap-on/snap-off mating
Ultra low profile
Small footprint
100% compatible with industry standard options
• RFID
• Notebook Computers
• Remote Measuring Equipment
• Bluetooth
• GPS
• Handheld and Portable Devices
Applications
Ultraminiature Product Series
AMC, AMC4 and AMMC Micro Coaxial Products
Amphenol RF
Four Old Newtown Road
Danbury, CT 06810
For more information visit www.amphenolrf.com
or call 800.627.7100
Ordering Information
Amphenol RF ultraminiature product series' (AMC,
AMC4 and AMMC) feature low profile PCB connectors
with small board footprints. These series utilize the
popular snap-on coupling mechanism for secure and
easy mating and are available in a variety of connector,
adapter and pre-configured cable assembly
configurations. Cable assemblies are designed using
various micro coax and flexible cable types.
Ultraminiature connectors operate at 50 ohm
impedance and provide excellent electrical
performance from DC to 6 GHz. These products are
ideal for applications with space constraints such as
IoT infrastructure and consumer devices.
Ultraminiature Connectors
AMC Cable Assemblies
Part Number
A-1JB
A-4JA
A-2JA
Description
AMC Straight PCB Jack, Surface Mount
AMC4 Straight PCB Jack, Surface Mount
AMMC Straight PCB Jack, Surface Mount
PCB Footprint
3 mm x 3 mm
2 mm x 2 mm
2 mm x 2 mm
Mated Height
2.5 mm
1.4 mm
1.4 mm
Series
A-1PA = AMC Connector Series
Connector Orientation:
- = 0°
C = 90°
Cable Type:
081 = 0.81 mm
113 = 1.13 mm
132 = 1.32 mm
Assembly Length in mm (Dim L)
Standard lengths: 050, 100, 150, 200, 250, 300 mm
Cable Color
B = Black
G* = Gray
R* = Red
No. of Terminated Ends (1 or 2)
-
A-1PA
113-
100
B
2
F = 180°
H = 270°
137 = 1.37 mm
178 = RG-178
W* = White
U* = Blue
E* = Green
N* = Natural (RG-178 Only)
AMC4/AMMC Cable Assemblies
Series
U-1PU = AMC4 Connector Series
A-2PA = AMMC Connector Series
Cable Type:
081 = 0.81 mm
113 = 1.13 mm
Assembly Length in mm (Dim L)
Standard lengths: 050, 100, 150, 200, 250, 300 mm
Cable Color
B = Black
No. of Terminated Ends (2)
U-1PU-
113-
100
B
2


Similar Part No. - AMMC

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-2008 AVAGO-AMMC-2008 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
logo
Broadcom Corporation.
AMMC-2008 BOARDCOM-AMMC-2008 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
AMMC-2008-W10 BOARDCOM-AMMC-2008-W10 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
AMMC-2008-W50 BOARDCOM-AMMC-2008-W50 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
logo
Agilent(Hewlett-Packard...
AMMC-3040 HP-AMMC-3040 Datasheet
319Kb / 6P
18-36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier
More results

Similar Description - AMMC

ManufacturerPart #DatasheetDescription
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
Photointerrupter, Ultraminiature type
logo
Bourns Electronic Solut...
STS BOURNS-STS Datasheet
300Kb / 2P
Ultraminiature Tactile Switch
logo
PIC GmbH
PRX+1500 PIC-PRX+1500 Datasheet
22Kb / 1P
Ultraminiature Reed Sensor
logo
Rohm
RPI-122 ROHM-RPI-122_05 Datasheet
80Kb / 2P
Photointerrupter, Ultraminiature type
RPI-124A ROHM-RPI-124A Datasheet
54Kb / 2P
Photointerrupter, Ultraminiature type
logo
C&K Components
GT21MSCBE CK-COMPONENTS-GT21MSCBE Datasheet
419Kb / 5P
GT Series Sealed Ultraminiature Toggle Switches
logo
Rohm
RPI-124F ROHM-RPI-124F Datasheet
54Kb / 2P
Photointerrupter, Ultraminiature type
RP-SMA ROHM-RP-SMA Datasheet
54Kb / 2P
Photointerrupter, Ultraminiature type
logo
PIC GmbH
MS-208-3 PIC-MS-208-3 Datasheet
110Kb / 2P
Ultraminiature Reed Sensor
PRX-1500 PIC-PRX-1500 Datasheet
167Kb / 1P
Ultraminiature Reed Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com