Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPF024N10NF2S Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPF024N10NF2S
Description  StrongIRFETTM 2 Power-Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPF024N10NF2S Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPF024N10NF2S Datasheet HTML 1Page - Infineon Technologies AG IPF024N10NF2S Datasheet HTML 2Page - Infineon Technologies AG IPF024N10NF2S Datasheet HTML 3Page - Infineon Technologies AG IPF024N10NF2S Datasheet HTML 4Page - Infineon Technologies AG IPF024N10NF2S Datasheet HTML 5Page - Infineon Technologies AG IPF024N10NF2S Datasheet HTML 6Page - Infineon Technologies AG IPF024N10NF2S Datasheet HTML 7Page - Infineon Technologies AG IPF024N10NF2S Datasheet HTML 8Page - Infineon Technologies AG IPF024N10NF2S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
IPF024N10NF2S
Rev.2.0,2022-09-23
Final Data Sheet
1
7
tab
PG-TO263-7
Drain
Pin 4, tab
Gate
Pin 1
Source
Pin 2,3,5,6,7
MOSFET
StrongIRFETTM2Power-Transistor
Features
•Optimizedforawiderangeofapplications
•N-Channel,normallevel
•100%avalanchetested
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21
Productvalidation
QualifiedaccordingtoJEDECStandard
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
100
V
RDS(on),max
2.4
m
Ω
ID
227
A
Qoss
131
nC
QG
103
nC
Type/OrderingCode
Package
Marking
RelatedLinks
IPF024N10NF2S
PG-TO263-7
024N10NS
-


Similar Part No. - IPF024N10NF2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPF021N13NM6 INFINEON-IPF021N13NM6 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 135 V
Rev. 2.0, 2023-10-16
IPF023N08NF2S INFINEON-IPF023N08NF2S Datasheet
961Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
IPF023N08NF2SATMA1 INFINEON-IPF023N08NF2SATMA1 Datasheet
961Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
IPF026N15NM6 INFINEON-IPF026N15NM6 Datasheet
1,013Kb / 12P
MOSFET OptiMOS™ 6 Power‑Transistor, 150 V
Revision 2.0 2024-04-16
More results

Similar Description - IPF024N10NF2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA082N10NF2S INFINEON-IPA082N10NF2S Datasheet
1Mb / 10P
StrongIRFETTM 2 Power-Transistor
Rev.2.0,2021-03-16
IPP082N10NF2S INFINEON-IPP082N10NF2S Datasheet
1Mb / 11P
StrongIRFETTM 2 Power-Transistor
Rev.2.0,2020-12-18
IPP019N08NF2S INFINEON-IPP019N08NF2S Datasheet
1Mb / 11P
StrongIRFETTM 2 Power-Transistor
Rev.2.0,2020-12-18
IPB043N10NF2S INFINEON-IPB043N10NF2S Datasheet
973Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
IPB055N08NF2S INFINEON-IPB055N08NF2S Datasheet
958Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
IPD040N08NF2S INFINEON-IPD040N08NF2S Datasheet
920Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.2, 2022-10-10
IPD052N10NF2S INFINEON-IPD052N10NF2S Datasheet
917Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.2, 2022-10-10
IPF014N08NF2S INFINEON-IPF014N08NF2S Datasheet
952Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
IPF050N10NF2S INFINEON-IPF050N10NF2S Datasheet
966Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
IPT017N10NF2S INFINEON-IPT017N10NF2S Datasheet
1,000Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-08-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com