Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P13LLABF103MLE Datasheet(PDF) 5 Page - Vishay Siliconix

Part # P13LLABF103MLE
Description  Long Life Cermet Potentiometer up to 2 Million Cycles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P13LLABF103MLE Datasheet(HTML) 5 Page - Vishay Siliconix

  P13LLABF103MLE Datasheet HTML 1Page - Vishay Siliconix P13LLABF103MLE Datasheet HTML 2Page - Vishay Siliconix P13LLABF103MLE Datasheet HTML 3Page - Vishay Siliconix P13LLABF103MLE Datasheet HTML 4Page - Vishay Siliconix P13LLABF103MLE Datasheet HTML 5Page - Vishay Siliconix P13LLABF103MLE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P13L
www.vishay.com
Vishay Sfernice
Revision: 30-Jul-2021
5
Document Number: 51065
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
ΔRT/RT
(%)
ΔR1-2/R1-2
(%)
OTHER
Electrical endurance
1000 h at rated power
90’/30’ - ambient temperature 70 °C
± 20 %
± 20 %
-
Climatic sequence
Phase A dry heat 125 °C
Phase B damp heat
Phase C cold -55 °C
Phase D damp heat 5 cycles
± 0.5 %
± 1 %
-
Damp heat, steady state
56 days, 40 °C 93 % HR
± 0.5 %
± 1 %
Dielectric strength: 1000 V
Insulation resistance: > 104 M
Ω
Change of temperature
5 cycles, -55 °C at +125 °C
± 0.5 %
-
-
Mechanical endurance
Bushings L and N: 2 000 000 cycles
Bushings T, Q, O, and P: 1 000 000 cycles
at rated power
Turn angle ± 60°
Temperature ± 20 °C
± 20 %
-
Independent linearity: ± 10 %
Shock
50 g‘s at 11 ms, 3 successive shocks
in 3 directions
± 0.1 %
± 0.2 %
-
Vibration
10 Hz to 55 Hz, 0.75 mm or 10 g‘s
during 6 h
± 0.1 %
-
ΔV1-2/V1-3 < ± 0.2 %
ORDERING INFORMATION (part number)
MODEL
BUSHING
SHAFT
SHAFT END
OHMIC
VALUE
TOLERANCE
TAPER
SPECIAL
P13L
Ø
L
ØL
Only
with
bushing
S = slotted
F = flatted
R = round
D = custom
102 = 1 k
Ω
502 = 5 k
Ω
103 = 10 k
Ω
503 = 50 k
Ω
M = 20 %
A = linear
L = clockwise
logarithmic
F = inverse
clockwise
logarithmic
E =
locating peg
or
special code
given by
Vishay
T6
8
Q7
8
AA
3
9.5
T, P
L
10 12
AB
3
12.5 T, P, O
O6
11
AJ
3
22
T, P
P6
8
EA
4
9.5
Q
N
10 9.5
EB
4
12.5
Q
EJ
4
22
Q
FG
6
16
L
FL
6
25
L
FR
6
50
L
FE
6
13
N
FK
6
22
N
FQ
6
47.5
N
PART NUMBER DESCRIPTION (for information only)
P13L
Q
E
EA
10K
20 %
L
BO25
e3
MODEL
BUSHING
SPECIAL
SHAFT
VALUE
TOLERANCE
TAPER
SPECIAL
PACKAGING
SHAFT
SPECIAL
LEAD
(Pb)-FREE
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
QE
A
S
1
0
3
L
3
P
L
1
ME



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com