Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP494 Datasheet(PDF) 11 Page - Ceramate Technical

Part # CP494
Description  SWITCHMODE Pulse Width Modulation Control Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP494 Datasheet(HTML) 11 Page - Ceramate Technical

Back Button CP494 Datasheet HTML 3Page - Ceramate Technical CP494 Datasheet HTML 4Page - Ceramate Technical CP494 Datasheet HTML 5Page - Ceramate Technical CP494 Datasheet HTML 6Page - Ceramate Technical CP494 Datasheet HTML 7Page - Ceramate Technical CP494 Datasheet HTML 8Page - Ceramate Technical CP494 Datasheet HTML 9Page - Ceramate Technical CP494 Datasheet HTML 10Page - Ceramate Technical CP494 Datasheet HTML 11Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CP494
SWITCHMODE Pulse Width Modulation Control Circuit
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 11 of 11
Rev 1.0 Apr.19,2004
SOP16
0.3 ± 0.1
9
16
8
1
0.5
± 0.1
19.4
± 0.3
2.54
0
° ~ 15°
7.62
CP494N
CP494
DIP16
0.4
± 0.1
1.27
0.15
0.3Min.
1
16
10.0
± 0.2
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com