Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP66200Q Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP66200Q
Description  3.8V TO 60V INPUT AUTOMOTIVE GRADE, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP66200Q Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP66200Q Datasheet HTML 17Page - Diodes Incorporated AP66200Q Datasheet HTML 18Page - Diodes Incorporated AP66200Q Datasheet HTML 19Page - Diodes Incorporated AP66200Q Datasheet HTML 20Page - Diodes Incorporated AP66200Q Datasheet HTML 21Page - Diodes Incorporated AP66200Q Datasheet HTML 22Page - Diodes Incorporated AP66200Q Datasheet HTML 23Page - Diodes Incorporated AP66200Q Datasheet HTML 24Page - Diodes Incorporated AP66200Q Datasheet HTML 25Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AP66200Q
Document number: DS43721 Rev. 1 - 2
21 of 25
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP66200Q
Application Information (continued)
Compensation design goals are the following:
1.
Crossover frequency, fc, of approximately 1/10
th of the switching frequency.
2.
Phase margin > 40
.
3.
Gain margin > 10dB in magnitude.
The loop gain at the crossover frequency has a unity gain. Therefore, the value of the top feedback resistance is determined by:
������1 =
127������
������������������������������������������������
Where, CO is the total output capacitance seen by the regulator. This may include ceramic high frequency decoupling and bulk output capacitors.
Ceramic will have derating factor by approximately 40% depending on dielectric, voltage stress, and thermal.
An additional zero contribution due to R1 and C4 can boost the phase margin. Put the compensator zero between 1/2fc to fc frequency.
������4 =
1
2������������������������1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com