Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP72250 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP72250
Description  0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72250 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP72250 Datasheet HTML 1Page - Diodes Incorporated AP72250 Datasheet HTML 2Page - Diodes Incorporated AP72250 Datasheet HTML 3Page - Diodes Incorporated AP72250 Datasheet HTML 4Page - Diodes Incorporated AP72250 Datasheet HTML 5Page - Diodes Incorporated AP72250 Datasheet HTML 6Page - Diodes Incorporated AP72250 Datasheet HTML 7Page - Diodes Incorporated AP72250 Datasheet HTML 8Page - Diodes Incorporated AP72250 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
AP72250
Document number: DS44135 Rev. 1 - 2
3 of 26
www.diodes.com
January 2022
© Diodes Incorporated
AP72250
Pin Descriptions
Pin Name
Pin Number
Function
VOUT
A1, A2
Output Voltage Power Rail. Connect VOUT to the output load as shown in Figure 1.
GND
A3
Analog Ground used by the control circuitry.
FB
A4
Feedback sensing terminal for the output voltage. Connect this pin to the resistive divider of the output.
See Setting the Output Voltage section for more details.
SW
B1, B2
Power Switching Output. SW is the switching node that converts power to the output. Connect the inductor
from SW to VIN.
MODE
B3
Mode Select. MODE is used to select the operation mode of the device. Connect MODE to GND to set the
device to operate in PFM Mode. Leave MODE floating to set the device to operate in USM. Connect MODE to
VCC to set the device to operate in Forced PWM.
PG
B4
Power-Good. Open drain power-good output that is pulled to GND when the output voltage is out of its
regulation limits or during soft-
start. There is an internal 5MΩ pull-up resistor connected to PG.
PGND
C1, C2
Power Ground.
VIN
C3
Power Input. VIN supplies power to the IC as well as the step-up converter power MOSFETs. Bypass VIN to
GND with a suitably large capacitor to eliminate noise due to the switching of the IC. Drive VIN with a 0.6V
(1.0V for startup) to 5.5V power source. See Input Capacitor section for more details.
EN
C4
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the regulator and
low to turn it off. Connect to VIN or leave floating for automatic startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com