Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4971 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4971
Description  TLE4971 high precision coreless current sensor for automotive applications in 8x8mm SMD package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4971 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4971 Datasheet HTML 1Page - Infineon Technologies AG TLE4971 Datasheet HTML 2Page - Infineon Technologies AG TLE4971 Datasheet HTML 3Page - Infineon Technologies AG TLE4971 Datasheet HTML 4Page - Infineon Technologies AG TLE4971 Datasheet HTML 5Page - Infineon Technologies AG TLE4971 Datasheet HTML 6Page - Infineon Technologies AG TLE4971 Datasheet HTML 7Page - Infineon Technologies AG TLE4971 Datasheet HTML 8Page - Infineon Technologies AG TLE4971 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Datasheet
3
Revision 1.02
19-08-2022
TLE4971
Datasheet
Block Diagram
Infrastructure
(power, clk, references)
Diff. Hall
MUX
Temp
Stress
Output
Offset
EEPROM
References
Signal
Conditioning
IP+
IP-
Integrated
current
rail
Differential
Hall Plate
Bias signal for
Diagnosis Mode
VDD
GND
OCD1
OCD2
AOUT
VREF
Figure 2 Block Diagram
General Description
TLE4971 is a high speed precision current sensor. Due to implemented EEPROM various configuration can
be applied without using any external components.
Depending on the selected programming option, the analog output signal can be provided either as:
•
Single-ended
•
Fully-differential
•
Semi-differential
In single-ended mode, the pin VREF is used as a reference voltage input. The analog output signal is
provided on pin AOUT.
In fully-differential mode, both AOUT (positive polarity) and VREF (negative polarity) are used as signal
outputs whereas VDD is used as reference voltage input.
In semi-differential mode a chip-internal reference voltage is used and provided on VREF (output).
For fast over-current detection, the raw analog signal provided by the Hall probes is fed into comparators
with programmable switching thresholds.
A user-programmable deglitch filter is implemented to enable the suppression of fast switching transients.
The open-drain outputs of the OCD pins are active “low” and they can be directly combined into a wired-
AND configuration on board level to have a general over-current detection signal.
Programming of the memory can be performed in circuit through a Serial Inspection and Configuration
Interface (SICI). The interface is descripded in detail in the programming guide which can be found on the
Infineon webside.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com