Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT112Q-0048-2000-S Datasheet(PDF) 9 Page - CUI Devices

Part # AMT112Q-0048-2000-S
Description  MODULAR INCREMENTAL ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

AMT112Q-0048-2000-S Datasheet(HTML) 9 Page - CUI Devices

  AMT112Q-0048-2000-S Datasheet HTML 1Page - CUI Devices AMT112Q-0048-2000-S Datasheet HTML 2Page - CUI Devices AMT112Q-0048-2000-S Datasheet HTML 3Page - CUI Devices AMT112Q-0048-2000-S Datasheet HTML 4Page - CUI Devices AMT112Q-0048-2000-S Datasheet HTML 5Page - CUI Devices AMT112Q-0048-2000-S Datasheet HTML 6Page - CUI Devices AMT112Q-0048-2000-S Datasheet HTML 7Page - CUI Devices AMT112Q-0048-2000-S Datasheet HTML 8Page - CUI Devices AMT112Q-0048-2000-S Datasheet HTML 9Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CUI DEVICES | SERIES: AMT11 | DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 08/05/2022 | page 9 of 9
CUI Devices offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI Devices reserves the right to make changes to the product at any time without notice. Information provided by CUI Devices is believed to be accurate
and reliable. However, no responsibility is assumed by CUI Devices for its use, nor for any infringements of patents or other rights of third parties which may
result from its use.
CUI Devices products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A
critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or effectiveness.
cuidevices.com
rev.
description
date
1.0
initial release
04/30/2014
1.01
updated datasheet
06/24/2014
1.02
updated datasheet
10/13/2015
1.03
added 360 & 2500 PPR resolutions, increased operating temperature to 125°C
12/18/2017
1.04
changed outer mounting holes to be oblong on wide base version
10/10/2018
1.05
brand update
11/21/2019
1.06
updated quadrature duty cycle details
10/08/2020
1.07
added motor shaft tolerance details, updated start-up details
09/10/2021
1.08
logo, datasheet style update
08/05/2022
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com