Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

080MS12ACMA1STD Datasheet(PDF) 4 Page - Kemet Corporation

Part # 080MS12ACMA1STD
Description  MS/MD, 60°C/70°C
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

080MS12ACMA1STD Datasheet(HTML) 4 Page - Kemet Corporation

  080MS12ACMA1STD Datasheet HTML 1Page - Kemet Corporation 080MS12ACMA1STD Datasheet HTML 2Page - Kemet Corporation 080MS12ACMA1STD Datasheet HTML 3Page - Kemet Corporation 080MS12ACMA1STD Datasheet HTML 4Page - Kemet Corporation 080MS12ACMA1STD Datasheet HTML 5Page - Kemet Corporation 080MS12ACMA1STD Datasheet HTML 6Page - Kemet Corporation 080MS12ACMA1STD Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
A4041_MS_MD • 6/21/2021
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
AC Motor Start Aluminum Electrolytic Capacitors – MS/MD, +60°C/+70°C
Dimensions – Millimeters cont.
Discharge Resistors
A discharge resistor may be fitted to a motor start capacitor to prevent electrical overstress of the capacitor and/or for
safety reasons. In accordance with IEC 60252, the resistor value should be such that it reduces the voltage on the capacitor,
from the line voltage to less than 50 V within 60 seconds. The resistor value may be approximated as follows: R(kOhms) =
T/Rated Capacitance (µF)
Resistor Value (kOhms)
Wattage
5.6
2W
15
2W
33
0.5W
56
1W
82
2W
100
1W
AC Voltage
T
120
50,000
220
32,000
260
30,000
280
28,000
330
26,000
Environmental Compliance
All Part Numbers in this datasheet are Reach and RoHS compliant and Halogen-Free.
As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental
effects of both our capacitors and their production.
In Europe (RoHS Directive) and in some other geographical areas such as China, legislation has been put in place to prevent
the use of some hazardous materials, such as lead (Pb), in electronic equipment. All products in this catalog are produced
to help our customers' obligations to guarantee their products and fulfill these legislative requirements. The only material of
concern in our products has been lead (Pb), which has been removed from all designs to fulfill the requirement of containing
less than 0.1% of lead in any homogeneous material. KEMET will closely follow any changes in legislation worldwide and
make any necessary changes in its products, whenever needed.
Some customer segments such as medical, military and automotive electronics may still require the use of lead in electrode
coatings. To clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels
for RoHS compatible capacitors.
Due to customer requirements, there may appear additional markings such as lead-free (LF), or lead-free wires (LFW) on the
label.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com