Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPD07 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD07
Description  General Purpose Rectifier 8 Amp Glass Passivated Rectifier Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD07 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD07 Datasheet HTML 1Page - Central Semiconductor Corp CPD07 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
145 Adams Avenue
Hauppauge, NY 11788 USA
Tel: (631) 435-1110
Fax: (631) 435-1824
www.centralsemi.com
PRINCIPAL DEVICE TYPES
CR6A2GPP Series
GEOMETRY
PROCESS DETAILS
BACKSIDE CATHODE
R2 (16-September 2003)
Process
GLASS PASSIVATED MESA
Die Size
98 x 98 MILS
Die Thickness
10.4 MILS
Anode Bonding Pad Area
82.5 x 82.5 MILS
Top Side Metalization
Au - 5,000Å
Back Side Metalization
Au - 2,000Å
GROSS DIE PER 4 INCH WAFER
1,170
Central
Semiconductor Corp.
TM
PROCESS
CPD07
General Purpose Rectifier
8 Amp Glass Passivated Rectifier Chip


Similar Part No. - CPD07

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD07-CR6A4GPP CENTRAL-CPD07-CR6A4GPP Datasheet
524Kb / 4P
General Purpose Rectifier Die 6.0 Amp, 400 Volt
R1 25-July 2018
CPD07-CR6A6GPP CENTRAL-CPD07-CR6A6GPP Datasheet
524Kb / 4P
General Purpose Rectifier Die 6.0 Amp, 600 Volt
R1 25-July 2018
More results

Similar Description - CPD07

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD18 CENTRAL-CPD18 Datasheet
216Kb / 2P
ULTRA FAST RECTIFIER 8 Amp GLASS PASSIVATED RECTIFIER CHIP
CPD05 CENTRAL-CPD05 Datasheet
216Kb / 2P
General Purpose Rectifier 1 Amp Glass Passivated Rectifier Chip
CPD06 CENTRAL-CPD06 Datasheet
217Kb / 2P
General Purpose Rectifier 3 Amp Glass Passivated Rectifier Chip
CPD26 CENTRAL-CPD26 Datasheet
64Kb / 2P
Fast Recovery Rectifier 8 Amp Glass Passivated Rectifier Chip
CPD04 CENTRAL-CPD04_10 Datasheet
461Kb / 2P
General Purpose Rectifier 500mA Glass Passivated Rectifier Chip
CPD05 CENTRAL-CPD05_10 Datasheet
461Kb / 2P
General Purpose Rectifier 1 Amp Glass Passivated Rectifier Chip
CPD06 CENTRAL-CPD06_10 Datasheet
397Kb / 2P
General Purpose Rectifier 3 Amp Glass Passivated Rectifier Chip
logo
Micro Commercial Compon...
GPA801 MCC-GPA801 Datasheet
119Kb / 3P
8 Amp Glass Passivated Rectifier
GPA801DT MCC-GPA801DT Datasheet
211Kb / 3P
8 Amp Glass Passivated Rectifier
GPA801 MCC-GPA801_13 Datasheet
228Kb / 3P
8 Amp Glass Passivated Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com