Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A768EB127M1GLAS034 Datasheet(PDF) 10 Page - Kemet Corporation

Part # A768EB127M1GLAS034
Description  A768 125°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A768EB127M1GLAS034 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button A768EB127M1GLAS034 Datasheet HTML 6Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 7Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 8Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 9Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 10Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 11Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 12Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 13Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
A4088_A768 • 9/26/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Surface Mount Solid Polymer Aluminum Capacitors
A768 125°C
Landing Pad – Millimeters
B
A
B
C
Diameter
A
B
C
5
1.4
3
1.6
6.3
1.9
3.5
1.6
8
3.1
4.2
2.2
10
4.5
4.4
2.2
10
(Anti-Vibration)
4.5
4.4
4.6
Marking
Date Code*
1st Digits = Rated Voltage
Letter = Year Code
S = 2019
Final Digits = Week of the Year
01 = 1st week of the Year to
52 = 52nd week of the Year
Year Code
S
2019
T
2020
U
2021
V
2022
W
2023
X
2024
Y
2025
Z
2026
Trademark
Series
Rated
Voltage
Capacitance
Date Code*
(Last 3 Digits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com