Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPD48 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD48
Description  Schottky Diode High Current Schottky Diode Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD48 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD48 Datasheet HTML 1Page - Central Semiconductor Corp CPD48 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Semiconductor Corp.
TM
PROCESS
CPD48
Schottky Diode
High Current Schottky Diode Chip
PRINCIPAL DEVICE TYPES
CMPSH-3
CMPSH-3A
CMPSH-3C
CMPSH-3S
Process
EPITAXIAL PLANAR
Die Size
14 x 14 MILS
Die Thickness
9.0 MILS
Anode Bonding Pad Area
9.0 x 9.0 MILS
Top Side Metalization
Al - 30,000Å
Back Side Metalization
Au - 18,000Å
PROCESS DETAILS
145 Adams Avenue
Hauppauge, NY 11788 USA
Tel: (631) 435-1110
Fax: (631) 435-1824
www.centralsemi.com
BACKSIDE CATHODE
GEOMETRY
R2 (1-August 2002)
GROSS DIE PER 4 INCH WAFER
62,250


Similar Part No. - CPD48

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD48V CENTRAL-CPD48V Datasheet
186Kb / 2P
Schottky Diode High Current Schottky Diode Chip
CPD48V-CBAT54 CENTRAL-CPD48V-CBAT54 Datasheet
320Kb / 3P
Schottky Diode Die 0.2 Amp, 30 Volt
R0 14-November 2017
CPD48V-CMPSH-3 CENTRAL-CPD48V-CMPSH-3 Datasheet
465Kb / 4P
Schottky Diode Die 0.1 Amp, 30 Volt
R1 14-November 2017
CPD48V-CMPSH-3-WN CENTRAL-CPD48V-CMPSH-3-WN Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
CPD48V-CMPSH-3-WN CENTRAL-CPD48V-CMPSH-3-WN Datasheet
530Kb / 9P
PNP - High Voltage Transistor Die
R0 8-August 2019
More results

Similar Description - CPD48

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD48V CENTRAL-CPD48V Datasheet
186Kb / 2P
Schottky Diode High Current Schottky Diode Chip
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
CPD82X CENTRAL-CPD82X Datasheet
31Kb / 1P
Schottky Diode High Current, Low VF Schottky Diode Chip
CPD92 CENTRAL-CPD92 Datasheet
178Kb / 2P
Schottky Diode High Voltage Schottky Diode Chip
CPD92V CENTRAL-CPD92V Datasheet
157Kb / 2P
Schottky Diode High Voltage Schottky Diode Chip
CPD98V CENTRAL-CPD98V Datasheet
30Kb / 1P
Schottky Diode Silicon High Current Schottky Diode Chip
CPD48V CENTRAL-CPD48V_10 Datasheet
396Kb / 2P
Schottky Diode High Current Schottky Diode Chip
CPD82X CENTRAL-CPD82X_10 Datasheet
403Kb / 2P
Schottky Diode High Current, Low VF Schottky Diode Chip
CPD98V CENTRAL-CPD98V_10 Datasheet
407Kb / 2P
Schottky Diode Silicon High Current Schottky Diode Chip
CPD102X CENTRAL-CPD102X Datasheet
717Kb / 2P
Schottky Diode High Voltage Schottky Diode Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com