Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPD65 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD65
Description  Low Leakage Diode Picoampere Diode Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD65 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD65 Datasheet HTML 1Page - Central Semiconductor Corp CPD65 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Semiconductor Corp.
TM
PROCESS
CPD65
Low Leakage Diode
Picoampere Diode Chip
PRINCIPAL DEVICE TYPES
BAV45
Process
EPITAXIAL PLANAR
Die Size
9.5 X 9.5 MILS
Die Thickness
7.5 MILS
Anode Bonding Pad Area
2.5 MILS DIAMETER
Top Side Metalization
Al - 30,000Å
Back Side Metalization
Au - 13,000Å
GEOMETRY
PROCESS DETAILS
BACKSIDE CATHODE
R1 (1-August 2002)
145 Adams Avenue
Hauppauge, NY 11788 USA
Tel: (631) 435-1110
Fax: (631) 435-1824
www.centralsemi.com
GROSS DIE PER 4 INCH WAFER
125,200


Similar Part No. - CPD65

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD65-BAV45 CENTRAL-CPD65-BAV45 Datasheet
545Kb / 4P
The CPD65-BAV45 is a silicon 50mA, 35 Volt diode ideal for low leakage applications.
More results

Similar Description - CPD65

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV45 PHILIPS-BAV45 Datasheet
38Kb / 6P
Picoampere diode
1996 Mar 13
logo
Central Semiconductor C...
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
Low Leakage Diode Low Leakage Switching Diode Chip
CPD91 CENTRAL-CPD91 Datasheet
30Kb / 1P
Switching Diode Low Leakage Switching Diode Chip
CPD91V CENTRAL-CPD91V Datasheet
208Kb / 2P
Switching Diode Low Leakage Switching Diode Chip
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
CPD91V CENTRAL-CPD91V_10 Datasheet
825Kb / 2P
Switching Diode Low Leakage Switching Diode Chip
CPD87R CENTRAL-CPD87R Datasheet
710Kb / 2P
Low Leakage Schottky Diode Chip
logo
New Jersey Semi-Conduct...
BAV45 NJSEMI-BAV45 Datasheet
71Kb / 2P
Picoampere diode
logo
Central Semiconductor C...
BAV45 CENTRAL-BAV45_15 Datasheet
568Kb / 2P
SILICON PICOAMPERE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com