Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPW60R024CFD7 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPW60R024CFD7
Description  600V CoolMOSª CFD7 Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW60R024CFD7 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPW60R024CFD7 Datasheet HTML 1Page - Infineon Technologies AG IPW60R024CFD7 Datasheet HTML 2Page - Infineon Technologies AG IPW60R024CFD7 Datasheet HTML 3Page - Infineon Technologies AG IPW60R024CFD7 Datasheet HTML 4Page - Infineon Technologies AG IPW60R024CFD7 Datasheet HTML 5Page - Infineon Technologies AG IPW60R024CFD7 Datasheet HTML 6Page - Infineon Technologies AG IPW60R024CFD7 Datasheet HTML 7Page - Infineon Technologies AG IPW60R024CFD7 Datasheet HTML 8Page - Infineon Technologies AG IPW60R024CFD7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
600VCoolMOSªCFD7PowerTransistor
IPW60R024CFD7
Rev.2.0,2019-02-28
Final Data Sheet
1Maximumratings
atTj=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
1)
ID
-
-
-
-
77
49
A
TC=25°C
TC=100°C
Pulsed drain current
2)
ID,pulse
-
-
360
A
TC=25°C
Avalanche energy, single pulse
EAS
-
-
424
mJ
ID=8.6A; VDD=50V; see table 10
Avalanche energy, repetitive
EAR
-
-
2.12
mJ
ID=8.6A; VDD=50V; see table 10
Avalanche current, single pulse
IAS
-
-
8.6
A
-
MOSFET dv/dt ruggedness
dv/dt
-
-
120
V/ns
VDS=0...400V
Gate source voltage (static)
VGS
-20
-
20
V
static;
Gate source voltage (dynamic)
VGS
-30
-
30
V
AC (f>1 Hz)
Power dissipation
Ptot
-
-
320
W
TC=25°C
Storage temperature
Tstg
-55
-
150
°C
-
Operating junction temperature
Tj
-55
-
150
°C
-
Mounting torque
-
-
-
60
Ncm
M3 and M3.5 screws
Continuous diode forward current
IS
-
-
77
A
TC=25°C
Diode pulse current
2)
IS,pulse
-
-
360
A
TC=25°C
Reverse diode dv/dt
3)
dv/dt
-
-
70
V/ns
VDS=0...400V,ISD<=77A,Tj=25°C
see table 8
Maximum diode commutation speed
diF/dt
-
-
1300
A/
µs VDS=0...400V,ISD<=77A,Tj=25°C
see table 8
Insulation withstand voltage
VISO
-
-
n.a.
V
Vrms,TC=25°C,t=1min
1) Limited by Tj,max.
2) Pulse width tp limited by Tj,max
3) Identical low side and high side switch with identical RG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com