Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPD77 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD77
Description  Schottky Rectifier 3.0A Schottky Barrier Rectifier Chip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD77 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD77 Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PROCESS
CPD77
Schottky Rectifier
3.0A Schottky Barrier Rectifier Chip
PRINCIPAL DEVICE TYPES
CTLSH3-30M833
GEOMETRY
PROCESS DETAILS
R0 (02 -March 2006)
Process
EPITAXIAL PLANAR
Die Size
61 x 61 MILS
Die Thickness
9.8 MILS
Anode Bonding Pad Area
55 x 55 MILS
Top Side Metalization
Ti/Ag - (2,500Å/30,000Å)
Back Side Metalization
Ti/Ni/Au - (1,600Å/5,550Å/1,500Å)
145 Adams Avenue
Hauppauge, NY 11788 USA
Tel:
(631) 435-1110
Fax: (631) 435-1824
www.centralsemi.com
GROSS DIE PER 4 INCH WAFER
3,118


Similar Part No. - CPD77

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD77-1N5820-WN CENTRAL-CPD77-1N5820-WN Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
CPD77-1N5820-WN CENTRAL-CPD77-1N5820-WN Datasheet
530Kb / 9P
PNP - High Voltage Transistor Die
R0 8-August 2019
CPD77X-1N5820 CENTRAL-CPD77X-1N5820 Datasheet
519Kb / 4P
Schottky Rectifier Die 3.0 Amp, 20 Volt
R0 23-January 2017
CPD77X-1N5820-WN CENTRAL-CPD77X-1N5820-WN Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
CPD77X-1N5820-WN CENTRAL-CPD77X-1N5820-WN Datasheet
530Kb / 9P
PNP - High Voltage Transistor Die
R0 8-August 2019
More results

Similar Description - CPD77

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N5820 WTE-1N5820 Datasheet
36Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB320 DIODES-SB320 Datasheet
147Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 4 - 2
logo
TAITRON Components Inco...
TSR320 TAITRON-TSR320 Datasheet
261Kb / 4P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB320 DIODES-SB320_10 Datasheet
78Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 9 - 2
SB370 DIODES-SB370_08 Datasheet
84Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
Rev. 3 - 2 July 2008
logo
Unisonic Technologies
SB360 UTC-SB360 Datasheet
113Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
SB3100 UTC-SB3100 Datasheet
102Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB370 DIODES-SB370_15 Datasheet
84Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
B320AF DIODES-B320AF Datasheet
311Kb / 1P
3.0A SCHOTTKY BARRIER RECTIFIER
May 2017 Rev. 2 - 2
B320BE DIODES-B320BE Datasheet
458Kb / 6P
3.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 3 - 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com