Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2-4COM-SI-M Datasheet(PDF) 1 Page - Coolgear Inc.

Part # USB2-4COM-SI-M
Description  USB 2.0 to 4 Port RS-232 Serial Adapter Optical isolated
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB2-4COM-SI-M Datasheet(HTML) 1 Page - Coolgear Inc.

  USB2-4COM-SI-M Datasheet HTML 1Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
2
2
A
A
B
B
30.00
170.00
5.25
3.20
R3.50
R1.75
10.00
3.00
190.00
DRAW:
DATE:
Ryan Vernick
MODEL #:
USB2-4COM-SI-M
+/- 0.25 mm
1mm = 2mm
6/27/2016
mm
support@coolgear.com
coolgear.com
PAGE:
1 / 1
NOTES:
UNIT:
TOLERANCE:
SCALE:
SITE:
CONTACT:


Similar Part No. - USB2-4COM-SI-M

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB2-4COM-M COOLGEAR-USB2-4COM-M Datasheet
122Kb / 2P
USB 2.0 4-Port USB Serial DB
USB2-4COM-M-CBL COOLGEAR-USB2-4COM-M-CBL Datasheet
156Kb / 1P
4-Port RS-232 USB to Serial Adapter Octopus Cable DIN Rail
More results

Similar Description - USB2-4COM-SI-M

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
2210 MOXA-2210 Datasheet
841Kb / 4P
2 and 4-port RS-232 USB-to-serial converters
logo
IOGEAR
GUC232A IOGEAR-GUC232A Datasheet
134Kb / 2P
USB to Serial RS-232 Adapter
logo
Coolgear Inc.
USB-4COMI-M COOLGEAR-USB-4COMI-M Datasheet
65Kb / 1P
4-Port RS-422 / 485 USB to Serial Adapter
7/13/2016
USB-32COM-RM COOLGEAR-USB-32COM-RM Datasheet
98Kb / 1P
32 Port RS-232 USB-to-Serial Adapter
USB-8COM COOLGEAR-USB-8COM Datasheet
122Kb / 2P
8-Port RS-232 USB to Serial Adapter Data Control Box
USB-COM-M COOLGEAR-USB-COM-M Datasheet
145Kb / 3P
USB 2.0 to Serial High-Speed RS-232 Industrial Adapter
USBG-232FT-1 COOLGEAR-USBG-232FT-1 Datasheet
133Kb / 2P
Dual Port RS-232 USB-to-Serial Plugin Adapter
USB2-4COMI-TB COOLGEAR-USB2-4COMI-TB Datasheet
109Kb / 1P
USB 2.0 to 4-Port Terminal Block Serial Adapter
USB2-4COM-M-CBL COOLGEAR-USB2-4COM-M-CBL Datasheet
156Kb / 1P
4-Port RS-232 USB to Serial Adapter Octopus Cable DIN Rail
USB-2COMI-SI-M COOLGEAR-USB-2COMI-SI-M Datasheet
129Kb / 2P
2 Port USB to RS-422 /485 Optical Isolated Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com