Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DGD0504 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # DGD0504
Description  100V HALF-BRIDGE GATE DRIVER IN W-DFN3030-10
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0504 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button DGD0504_V01 Datasheet HTML 3Page - Diodes Incorporated DGD0504_V01 Datasheet HTML 4Page - Diodes Incorporated DGD0504_V01 Datasheet HTML 5Page - Diodes Incorporated DGD0504_V01 Datasheet HTML 6Page - Diodes Incorporated DGD0504_V01 Datasheet HTML 7Page - Diodes Incorporated DGD0504_V01 Datasheet HTML 8Page - Diodes Incorporated DGD0504_V01 Datasheet HTML 9Page - Diodes Incorporated DGD0504_V01 Datasheet HTML 10Page - Diodes Incorporated DGD0504_V01 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DGD0504
Document number: DS38668 Rev. 3 - 2
10 of 11
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DGD0504
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
W-DFN3030-10 (Type TH)
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
W-DFN3030-10 (Type TH)
Note: For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances between device
Terminals and PCB tracking.
A
A1
A3
Seating Plane
D
E
e1
D2
e
b
E2
L
h
h
X
Y1
Y
C
X1
X2
Y2
W-DFN3030-10
(Type TH)
Dim
Min
Max
Typ
A
0.70
0.80
0.75
A1
--
0.05
0.02
A3
0.18
0.25
0.20
b
0.18
0.30
0.25
D
2.90
3.10
3.00
D2
2.40
2.60
2.50
e
0.50BSC
e1
2.00BSC
E
2.90
3.10
3.00
E2
1.45
1.65
1.55
h
0.20
0.30
0.25
L
0.30
0.50
0.40
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.500
X
0.300
X1
2.300
X2
2.600
Y
0.600
Y1
3.300
Y2
1.650



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com