Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DGD0506A Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DGD0506A
Description  HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0506A Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button DGD0506A Datasheet HTML 3Page - Diodes Incorporated DGD0506A Datasheet HTML 4Page - Diodes Incorporated DGD0506A Datasheet HTML 5Page - Diodes Incorporated DGD0506A Datasheet HTML 6Page - Diodes Incorporated DGD0506A Datasheet HTML 7Page - Diodes Incorporated DGD0506A Datasheet HTML 8Page - Diodes Incorporated DGD0506A Datasheet HTML 9Page - Diodes Incorporated DGD0506A Datasheet HTML 10Page - Diodes Incorporated DGD0506A Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DGD0506A
Document number: D40295 Rev. 4 - 2
7 of 13
www.diodes.com
November 2019
© Diodes Incorporated
DGD0506A
Typical Performance Characteristics (VCC = 12V, @TA = +25°C, unless otherwise specified.)
tON High Side
tON Low Side
tON High Side
tON Low Side
tOFF High Side
tOFF Low Side
tOFF High Side
tOFF Low Side
tR High Side
tR Low Side
tR High Side
tR Low Side
Figure 3.
Figure 4.
Figure 5.
Figure 6.
Figure 7.
Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com