Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCM2801 Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # WCM2801
Description  AC / DC Sensing Current Module with Digital Data output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCM2801 Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  WCM2801 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCM2801 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCM2801 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCM2801 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCM2801 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. WCM2801 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
WCM2801
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2020/11/17
Page 2
Selection Guide:
Model
Maximum Current
Operating
Voltage
mode
AC
DC
WCM2801-AC50C
0.5A
-
5.0V
Continuous
WCM2801-DC50C
±0.7A
5.0V
Continuous
WCM2801-50C
0.5A
±0.7A
5.0V
Continuous
Pad Description:
Pad No
Pad Name
I/O
Description
1
VDD
-
The positive power input pin
2
GND
-
The system ground
3
RST
I
The system reset
4
INT
I
Sampling control
5
CK
I/O
System programming, reserve
6
DA
I/O
7
RX
I
The data of measured current output. Its output is UART
communication. The baud rate is 9.6K bits/sec.
8
TX
O



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com