Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCS374 Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # WCS374
Description  Hall Effect Base Linear Current Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCS374 Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  WCS374 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCS374 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCS374 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCS374 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCS374 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WCS3740
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2017/12/20
Electrical Characteristics:
(T=+25˚C, Vdd=5.0V )
Characteristic
Symbol Test Conditions Min
Typ
Max Units
Supply Voltage
Vdd
3.0
12
V
Supply Current
Isupply
IP =0 A
3.5
6.0
mA
Zero Current Vout
V0G
IP =0 A(DC Mode)
2.4
2.5
2.6
V
Primary Conductor Resistance
Rprimary
IP =10 A
125
μΩ
Sensitivity
Sens
IP =+-10 A
27
32
37
mV/A
Bandwidth
BW
23
kHz
Measurable Current Range
MR
Vdd=5V (DC Mode)
±40
A
Vdd=5V (AC RMS )
30
Temperature Drift
△Vout
Ip =0 A
±0.5
mV/℃
Output Noise
VNp-p
7.5
mV
1. All output-voltage measurements are made with a voltmeter having an input impedance of at least 100kΩ
2. Do not apply any ‘resistor load’ on output pin, it will degrade IC’s performance
Characteristic Diagrams:
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
3
4
5
6
7
8
9
10
11
12
Supply Voltage--Vdd(V)
WCS3740 Sensitivity V.S Supply Voltage
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
3 3.2 3.4 3.6 3.8 4 4.2 4.4 4.6 4.8 5
Supply Voltage--Vdd(V)
WCS3740 Sensitivity V.S Supply Voltage
y = 0.0304x + 2.478
R²= 0.9992
0
1
2
3
4
5
-40
-30
-20
-10
0
10
20
30
40
Primary Current--IP(A)
WCS3740 Vout V.S IP with Vdd 5V
y = 0.0267x + 1.6348
R²= 0.9987
0
0.5
1
1.5
2
2.5
3
3.5
-40
-30
-20
-10
0
10
20
30
40
Primary Current--IP(A)
WCS3740 Vout V.S IP with Vdd 3.3V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com