Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSH203 Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # WSH203
Description  Linear Hall Effect Sensor IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WSH203 Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  WSH203 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WSH203 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WSH203 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WSH203 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WSH203 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WSH203
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2017/12/22
Page 2
Electrical Characteristics:
(T=+25˚C, Vdd=5.0V )
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
Vcc
-
3.0
─
12
V
Supply Current
Isupply
B=0 Guass
─
3.3
5.0
mA
Quiescent Vout
Vout 1/2
B=0 Gauss
2.35
2.5
2.65
V
Differential
△ Vout
△ Vout 1-2 B=0 G, Vout1-Vout2
-0.3
+0.3
V
Sensitivity (Single
Ended)
△ Vout1/2
B= 0 to ± 150 G
2.7
3.0
3.3
mV/G
Sensitivity
(Differential)
△ Vout12
B= 0 to ± 150 G
5.4
6.0
6.6
mV/G
Bandwidth
BW
-
-
23
-
kHz
Measurable Range
MR
Vdd=5V
-
±600
-
Guass
Temperature Drift
△ Vout0 B=0 Gauss
-
±0.4
-
mV/℃
Output Noise
VNp-p
-
-
5
-
mV
1. All output-voltage measurements are made with a voltmeter having an input impedance of at least 100kΩ
2. Do not apply any ‘resistor load’ on output pin, it will degrade IC performance.
Application circuit:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com