Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSH231 Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # WSH231
Description  North and South pole Two outputs Hall Effect Switch IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WSH231 Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  WSH231 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WSH231 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WSH231 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WSH231 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WSH231 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WSH231
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2016/4/8
Pin Position Diagram:
Absolute Maximum Rating (at Ta=25˚ C)
Supply Voltage
Vcc -------------------------- 26V
Output1 breakdown Voltage
Vout(breakdown) --------------- 28V
Output2 breakdown Voltage
Vout(breakdown) --------------- 28V
Magnetic flux density
B ----------------------------- Unlimited
Output ON Current (continuous)
Ic ----------------------------- 20mA
Operating Temperature Range
Ta ---------------------------- (-40
˚C to +90˚C)
Storage Temperature Range
Ts --------------------------- (-65
˚C to +150˚C)
Package Power Dissipation
Pd --------------------------- 500mw
Electrical Characteristics:
(T=+25˚C, Vdd=2.4V to 26V)
Characteristic
Symbol Test Conditions
Min
Typ
Max Units
Supply Voltage
Vdd
─
2.4
─
26
V
Output1 Saturation
Voltage
Out1
(sat)
Vdd=12V,Ic=10mA
B > Bop
─
0.2
0.6
V
Output2 Saturation
Voltage
Out2
(sat)
Vdd=12V,Ic=10mA
B > Bop
─
0.2
0.6
V
Out1 & Out2
Leakage Current
Ileakage Vdd=12V, B<Brp
─
<0.1
10
uA
Supply Current
Isupply Vdd=12V,Output
Open
─
2.5
6
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com