Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

196HVC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 196HVC
Description  Hybrid Energy Storage Capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196HVC Datasheet(HTML) 1 Page - Vishay Siliconix

  196HVC Datasheet HTML 1Page - Vishay Siliconix 196HVC Datasheet HTML 2Page - Vishay Siliconix 196HVC Datasheet HTML 3Page - Vishay Siliconix 196HVC Datasheet HTML 4Page - Vishay Siliconix 196HVC Datasheet HTML 5Page - Vishay Siliconix 196HVC Datasheet HTML 6Page - Vishay Siliconix 196HVC Datasheet HTML 7Page - Vishay Siliconix 196HVC Datasheet HTML 8Page - Vishay Siliconix 196HVC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 09-Jun-2021
1
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Hybrid Energy Storage Capacitors
Image is not to scale
FEATURES
• Polarized energy storage capacitor with high
capacity and energy density
• Voltage flexibility: 1.4 V (single cell) to 2.8 V /
4.2 V / 5.6 V / 7.0 V / 8.4 V (multiple cells)
• Available
in
stacked
through-hole
(STH,
radial),
surface-mount flat (SMF) and lay flat configurations (LFC)
with wire and connectors
• Useful life: up to 2000 h at 85 °C
• No cell balancing necessary
• Soft
and
low
transient-voltage-controlled
charging
characteristic
• Non-hazardous electrolyte
• Maintenance-free, no service necessary
• Evaluation kits for engineering are available under
ordering code: MAL219699001E3
• UL 810A recognized
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Power backup for memory controller, flash backup, RAID
systems, SRAM, DRAM
• Power failure and write cache protection for enterprise
SSD and HDD
• Real time clock power source
• Burst power support for flash lights, wireless transmitters
• Backup power for industrial PC’s and industrial controls
• Storage device for energy harvesting
• Emergency light and micro UPS power source
MARKING
The capacitors are marked with the following information:
• Rated capacitance (in F)
• Rated voltage (in V)
• Date code
• Negative / positive terminal identification
PACKAGING
Supplied in ESD trays only


Similar Part No. - 196HVC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196HVCENYCAP VISHAY-196HVCENYCAP Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
Hybrid Energy Storage Capacitors
09-Sep-15
More results

Similar Description - 196HVC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
Hybrid Energy Storage Capacitors
09-Sep-15
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196HVCENYCAP VISHAY-196HVCENYCAP Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196DLC VISHAY-196DLC_16 Datasheet
137Kb / 7P
Energy Storage Double Layer Capacitors
18-Jul-16
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
Storage Energy Systems
logo
Vishay Siliconix
235EDLC-HVR VISHAY-235EDLC-HVR Datasheet
119Kb / 6P
Ruggedized Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
220EDLC VISHAY-220EDLC Datasheet
122Kb / 6P
Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
196DLC VISHAY-196DLC_V01 Datasheet
112Kb / 7P
Energy Storage Double Layer Capacitors
04-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com