Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DI101 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # DI101
Description  DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DI101 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  DI101 Datasheet HTML 1Page - Pan Jit International Inc. DI101 Datasheet HTML 2Page - Pan Jit International Inc. DI101 Datasheet HTML 3Page - Pan Jit International Inc. DI101 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
March 11,2016-REV.02
DI100~DI1010
• Plastic material used carries Underwriters
Laboratory recognition 94V-O
• Low leakage
• Surge overload rating-- 30 amperes peak
• Ideal for printed circuit board
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICALDATA
• Case: Reliable low cost construction utilizing molded plastic technique results in
inexpensive product
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: Polarity symbols molded or marking on body
• Weight: 0.012 ounces, 0.33 grams
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.Single phase, half wave, 60Hz, Resistive or inductive load.
For capacitive load, derate current by 20%
NOTES :
1. Measured at 1 MHz and applied reverse voltage of 4 Volts
2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.5 X 0.5"(13 X 13mm) copper pads
FEATURES
Recongnized File #E111753
VOLTAGE
50 to 1000 Volt
1 Ampere
CURRENT
PARAM ETER
SY M BO L
DI 1 00
DI 101
DI 102
DI 10 4
DI 106
DI 10 8
DI 1010
UNI T S
M a ximum Recur r ent Peak Re ve r se Vo lt age
VRRM
50
100
200
40 0
600
800
1000
V
M a ximum RM S Br idge I nput Vo lt age
VRMS
35
70
140
28 0
420
560
700
V
M a ximum DC Bloc king Vo lt age
VDC
50
100
200
40 0
600
800
1000
V
M a ximum Aver age F o r w ar d Cur r e nt
I AV
1A
Peak F o r w ar d Sur ge Cur r ent : 8. 3ms s ing le ha lf s ine - w ave
s uper impos ed on r a t ed load
I FSM
30
A
I 2t Ra ting fo r fus ing ( t < 8 .3 5 ms )
I 2t
3 . 735
A2t
M a ximum F o r w ar d Vo lt age Dr op per Br idge Element at 1A
VF
1. 1
V
M a ximum DC Re ve r s e Cur r ent at Ra t ed DC Bloc k ing Vo lt age
TJ=2 5 OC
TJ= 125 OC
I R
5
500
uA
Ty pic a l J unc t ion Ca p a cit a nc e ( Not e 1)
CJ
25
pF
Ty pic a l T her ma l Resist a nc e Pe r Leg ( Not e 2 )
R θJA
RθJL
40
15
O C / W
O per at ing J uns t ion and St or age Te mper at ur e Ra ng e
T J,TSTG
- 55 t o + 150
O C
0.335(8.51)
0.316(8.05)
0.045(1.14)
0.035(0.89)
0.022(0.56)
0.018(0.46)
0.075(1.90)
0.055(1.39)


Similar Part No. - DI101

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DI101 PANJIT-DI101 Datasheet
56Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0~1.5 Amperes)
logo
Transys Electronics
DI101 TRSYS-DI101 Datasheet
154Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Formosa MS
DI101 FORMOSA-DI101 Datasheet
62Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
DI101 ETC1-DI101 Datasheet
49Kb / 2P
1 AMP MINIATURE BRIDGE RECTIFIERS
logo
Pan Jit International I...
DI101 PANJIT-DI101 Datasheet
71Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - DI101

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
DI100 TRSYS-DI100 Datasheet
154Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
2KBP005M PANJIT-2KBP005M Datasheet
88Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI100 PANJIT-DI100_04 Datasheet
71Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI150 PANJIT-DI150 Datasheet
47Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBL400 PANJIT-GBL400_04 Datasheet
47Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP300 PANJIT-GBP300_04 Datasheet
36Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI100 PANJIT-DI100_06 Datasheet
72Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI150 PANJIT-DI150_07 Datasheet
62Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI200 PANJIT-DI200 Datasheet
58Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
GBP200 JUXING-GBP200 Datasheet
360Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com