Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

623-SERIES Datasheet(PDF) 2 Page - EDAC, All Rights Reserved.

Part # 623-SERIES
Description  623 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

623-SERIES Datasheet(HTML) 2 Page - EDAC, All Rights Reserved.

  623-SERIES Datasheet HTML 1Page - EDAC, All Rights Reserved. 623-SERIES Datasheet HTML 2Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.edac.net
customerservice@edac.net
623/624 SERIES
D-Sub Connectors: Right Angle, 0.197” (5.00mm) Footprint
RECEPTACLE 624 SERIES
PLUG 623 SERIES
RECEPTACLE
Inch
.643
.971
1.511
Inch
1.213
1.543
2.088
9
15
25
CONTACTS
NUMBER OF
(16.92)
.666
.984
(30.81)
(24.99)
(33.32)
(47.04)
1.312
1.852
(39.19)
(53.04)
(25.25)
(38.96)
.994
1.534
(mm)
A±0.38
(mm)
B±0.25
Inch
PLUG
Inch
C±0.25
(mm)
(16.33)
(24.66)
(38.38)
C±0.13
(mm)
3.18±0.38
1.385
B
A
C
3.70
#4-40/M3
1.385
B
2-Ø3.20
Ø1.10
P.C.B EDGE
RECOMMENDED P.C.B LAYOUT
(FOR PLUG AND RECEPTACLE)
2.77±0.13
2.77±0.13
3.18±0.38
1.385
B
A
C
2.77±0.13
3.70
#4-40/M3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com