Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

637-015-010-059 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 637-015-010-059
Description  637 Series D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Plug
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

637-015-010-059 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  637-015-010-059 Datasheet HTML 1Page - EDAC, All Rights Reserved. 637-015-010-059 Datasheet HTML 2Page - EDAC, All Rights Reserved. 637-015-010-059 Datasheet HTML 3Page - EDAC, All Rights Reserved. 637-015-010-059 Datasheet HTML 4Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features:
www.edac.net
Specifications:
customerservice@edac.net
Ordering Code:
Insulator Material
PBT with glass fiber, UL 94V-0, color: Black
Contact Material
Plug (pin): Brass
Receptacle (socket): Brass or phosphor bronze
Contact Plating
Selective gold (see ordering code) over nickel for the mating area, tin plating for tail area
Shell Material
Nickel plated steel (optional tin plating)
Current Rating
3 amps
Contact Resistance
15 milliohms maximum
Insulation Resistance
1000 megaohms minimum
Dielectric Withstanding Voltage
500 V AC rms at Sea Level
Operating Temperature
-55°C To +85°C (upto +125°C for high temp)
Insertion Force
16 oz (4.45 N) Maximum Per Contact Position
Withdrawal Force
1 oz (0.28 N) Minimum Per Contact Position
Plug and receptacle in 15, 26, 44, 62 or 78 contact sizes
Pin and socket contact mating design with P.C. tail termination
Metal shell provides EMI/RFI shielding, plug shell indents provide grounding and additional mating retention
Grounding features include boardlock for exceptional retention to P.C. board
Mounting options for panel mount or connector mating include through hole, threaded hole and threaded
standoffs
D-shaped connector mating outline provides polarization
Design based on requirements of MIL-C-24038, EIA RS-232 and RS-449
High profile available in receptacle only
D-Sub Connectors: Vertical, High Density
637/638 SERIES
Contact P/N:
Wire Gauge (AWG):
637-292-271
24 - 26
Contact P/N:
"Wire Gauge (AWG):
638-292-271
24 - 26


Similar Part No. - 637-015-010-059

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
637-015-010-059 EDAC-637-015-010-059 Datasheet
79Kb / 1P
637 Series,D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Plug
More results

Similar Description - 637-015-010-059

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HDL15SLB ADAM-TECH-HDL15SLB Datasheet
218Kb / 2P
HIGH DENSITY D-SUB RIGHT ANGLE PCB MOUNT
logo
List of Unclassifed Man...
637-015-230-042 ETC2-637-015-230-042 Datasheet
369Kb / 2P
637 SERIES HIGH DENSITY SUBMINIATURE D CONNECTOR
627-000-001 ETC2-627-000-001 Datasheet
226Kb / 2P
627 SERIES SUBMINIATURE D CONNECTOR PLUG(PIN) VERTICAL PCB, METAL BODY
627-000-003 ETC2-627-000-003 Datasheet
216Kb / 2P
627 SERIES SUBMINIATURE D CONNECTOR PLUG(PIN) VERTICAL PCB, METAL BODY
logo
Adam Technologies, Inc.
HDT78-PT-JS ADAM-TECH-HDT78-PT-JS Datasheet
84Kb / 1P
HIGH DENSITY D-SUB PLUG
HDTXX-PR ADAM-TECH-HDTXX-PR Datasheet
105Kb / 1P
HIGH DENSITY D-SUB PLUG
HDT78-PT-SL ADAM-TECH-HDT78-PT-SL Datasheet
83Kb / 1P
HIGH DENSITY D-SUB PLUG
HDTXX-PT ADAM-TECH-HDTXX-PT Datasheet
118Kb / 1P
HIGH DENSITY D-SUB PLUG
HDTXX-PT-BL ADAM-TECH-HDTXX-PT-BL Datasheet
138Kb / 1P
HIGH DENSITY D-SUB PLUG
logo
EDAC, All Rights Reserv...
638-SERIES EDAC-638-SERIES Datasheet
1Mb / 4P
638 Series D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Receptacle
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com