Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3-16B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CS3-16B
Description  SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS3-16B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CS3-16B Datasheet HTML 1Page - Central Semiconductor Corp CS3-16B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS3-16B
CS3-16D
CS3-16M
CS3-16N
SILICON CONTROLLED RECTIFIER
16 AMP, 200 THRU 800 VOLTS
TO-3 50 MIL CASE
Central
Semiconductor Corp.
TM
R1 (18-August 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CS3-16B
series type is a Silicon Controlled Rectifier
designed for sensing circuit applications and
control systems.
MARKING CODE: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
CS3
CS3
CS3
CS3
-16B
-16D
-16M
-16N
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
200
400
600
800
V
RMS On-State Current (TC=90°C)
IT(RMS)
16
A
Peak One Cycle Surge (t=10ms)
ITSM
160
A
I2t Value for Fusing (t=10ms)
I2t
128
A2s
Peak Gate Power (tp=10µs)
PGM
40
W
Average Gate Power Dissipation
PG (AV)
1.0
W
Peak Forward Gate Current (tp=10µs)
IFGM
4.0
A
Peak Forward Gate Voltage (tp=10µs)
VFGM
16
V
Peak Reverse Gate Voltage (tp=10µs)
VRGM
5.0
V
Critical Rate of Rise of On-State Current
di/dt
100
A/µs
Storage Temperature
Tstg
-40 to +150
°C
Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance
ΘJC
1.5
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM
Rated VDRM, VRRM
10
µA
IDRM, IRRM
Rated VDRM, VRRM, TC=125°C
2.0
mA
IGT
VD=12V, RL=10Ω
3.4
15
mA
IH
IT=100mA
8.8
20
mA
VGT
VD=12V, RL=10Ω
0.64
1.50
V
VTM
ITM=32A, tp=380µs
1.40
1.60
V
dv/dt
VD=2/3 VDRM, TC=125°C
500
V/µs


Similar Part No. - CS3-16B

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
CS3-16 SUPERWORLD-CS3-16 Datasheet
109Kb / 1P
POWER TRANSFORMER
More results

Similar Description - CS3-16B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ220-16 CENTRAL-CQ220-16 Datasheet
74Kb / 2P
16 AMP TRIAC 200 THRU 800 VOLTS
CS220-8B CENTRAL-CS220-8B Datasheet
71Kb / 2P
SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS
CS220-25B CENTRAL-CS220-25B Datasheet
66Kb / 2P
SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS
CS92B CENTRAL-CS92B Datasheet
71Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMP, 200 THRU 800 VOLTS
CS220-10B CENTRAL-CS220-10B Datasheet
111Kb / 2P
SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS
CS220-16B CENTRAL-CS220-16B Datasheet
68Kb / 2P
SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS
CSDD-8M CENTRAL-CSDD-8M Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIER 8.0 AMP, 600 THRU 800 VOLTS
CSDD-16M CENTRAL-CSDD-16M Datasheet
73Kb / 2P
SILICON CONTROLLED RECTIFIER 16 AMP, 600 THRU 800 VOLTS
CSDD-16M CENTRAL-CSDD-16M_10 Datasheet
404Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER 16 AMP, 600 THRU 800 VOLTS
CS39-4B CENTRAL-CS39-4B Datasheet
82Kb / 2P
SILICON CONTROLLED RECTIFIER 4.0 AMP, 200 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com