Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68221IRAZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL68221IRAZ
Description  Digital Triple Output, 3-Phase PWM Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68221IRAZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL68221IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68221IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68221IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68221IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68221IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68221IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68221IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68221IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68221IRAZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 98 page
background image
ISL68221
3. Initializing the Device
FN9331 Rev.1.00
Page 14 of 97
Oct.1.20
3.
Initializing the Device
3.1
Power-On Reset (POR)
ISL68221 initialization begins after VCC crosses its rising POR threshold. When POR conditions are met, basic
digital subsystem integrity checks begin. During this process, the controller starts the telemetry subsystem,
configures its PMBus address according to the ADDRESS pin resistor value, loads the selected user
configuration from NVM as indicated by the CONFIG pin resistor value, checks fault status, and prepares for
regulation. The PWM pins are held in tri-state until the device is commanded to regulate. Figure 3 shows the
initialization sequence of the device.
Figure 3. Simplified PMBus Initialization Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com