Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68224IRAZ Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # ISL68224IRAZ
Description  Digital Triple Output, 6-Phase PWM Controller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68224IRAZ Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button ISL68224IRAZ Datasheet HTML 78Page - Renesas Technology Corp ISL68224IRAZ Datasheet HTML 79Page - Renesas Technology Corp ISL68224IRAZ Datasheet HTML 80Page - Renesas Technology Corp ISL68224IRAZ Datasheet HTML 81Page - Renesas Technology Corp ISL68224IRAZ Datasheet HTML 82Page - Renesas Technology Corp ISL68224IRAZ Datasheet HTML 83Page - Renesas Technology Corp ISL68224IRAZ Datasheet HTML 84Page - Renesas Technology Corp ISL68224IRAZ Datasheet HTML 85Page - Renesas Technology Corp ISL68224IRAZ Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 97 page
background image
ISL68224
10. PMBus Command Detail
FN9297 Rev.1.00
Page 82 of 96
Oct.1.20
10.75 DMAADDR (C7h)
Definition: Specifies the target address of a DMA read or write to system memory. This command is used for
indirect access to any system memory.
Access: Global
Data Length in Bytes: 2
Data Format: Bit Field
Type: R/W
Default Value: 0000h
Units: N/A
10.76 PEAK_OC_LIMIT (CDh)
Definition: Sets the peak overcurrent limit thresholds for each phase within a rail. 0.1A per LSB.
Access: Paged
Data Length in Bytes: 2
Data Format: Direct
Type: R/W
Equation: Peak Phase OC Limit = (Direct value) / 10
Units: A
Default Value: 0258h (60A)
Range: Depends on configuration
Command
DMAADDR (C7h)
Format
Bit Field
Bit Position
15
14
13
12
11
10
987
6543
210
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
See Following Table
Default Value
0000
00000
0000
000
Bit
Field Name
Meaning
15:13
REGION
000 - RAM
12:0
DMAADDR
The 13-bit target address
Command
PEAK_OC_LIMIT (CDh)
Format
Direct
Bit Position
15
14
13
12
11
10
987
6543
210
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
Two’s Complement Integer
Default Value
0000
00100
1011
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com