Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-232TTLMOS Datasheet(PDF) 2 Page - Coolgear Inc.

Part # USB-232TTLMOS
Description  USB to RS232 TTL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB-232TTLMOS Datasheet(HTML) 2 Page - Coolgear Inc.

  USB-232TTLMOS Datasheet HTML 1Page - Coolgear Inc. USB-232TTLMOS Datasheet HTML 2Page - Coolgear Inc. USB-232TTLMOS Datasheet HTML 3Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
CoolGear, Inc.
5120 110th Ave N
Clearwater, FL 33760
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
Supports 1, or 2 Stop Bits.
Supports XP, Vista, Win 7, 8, 10, Linux and Mac OS.
Specifications
Overview
USB Interface
USB
Chipset
FTDI
Port Connections
5-Pin Terminal Block
USB Speed
USB 1.0 / 1.1 compliant, USB 2.0 compatible
Protocol
RS-232
Baud Rate
300bps up to 921.6K bps
Color
Black
Compliance / Approvals
TAA / RoHS
Physical Features
Construction
Rugged ABS Plastic
Power
Bus powered
Cable Length
5ft.
Dimensions
1.77”(L)x1.65”(W)x1.15”(H) (4.49 x 4.18 x 2.20 cm)
Weight
.231 lbs
OS Support
Supports XP, Vista, Win 7, 8, 10, Linux and Mac OS.
Serial Signal Parameters
RS-232 Data Signals
RS232 TxD, RxD, RTS/CTS, DTR, DSR, DCD, RI, GND
TTL / CMOS
TXD, RXD, GND
Terminal Block Configuration
Pin 1
TXD (Output)
Pin 2
RXD (Input)
Pin 3
VOUT (Output TTL / CMOS Power)
Pin 4
VIN (Input TTL / CMOS Power)
Pin 5
GND (Ground for TTL / CMOS)
Serial COM Parameters
Logic Level
5V/3.3V/2.5V/1.8V Selectable by DIP Switch
Parity
None, Even, Odd, Space, Mark
Data Bits
Supports 7, 8 Data Bits
Stop Bits
1 or 2 stop bits
Environment
Operating Temperature
-40 to 85°C (-40 to 185 °F)
Storage Temperature
-40 to 85 °C (-4 to 185 °F)
Operating Humidity
5 to 95% RH
General Applications
Applications
PC and Server Serial Communication
Product URL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com