Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DGD2106MS8-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD2106MS8-13
Description  HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2106MS8-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD2106MS8-13 Datasheet HTML 1Page - Diodes Incorporated DGD2106MS8-13 Datasheet HTML 2Page - Diodes Incorporated DGD2106MS8-13 Datasheet HTML 3Page - Diodes Incorporated DGD2106MS8-13 Datasheet HTML 4Page - Diodes Incorporated DGD2106MS8-13 Datasheet HTML 5Page - Diodes Incorporated DGD2106MS8-13 Datasheet HTML 6Page - Diodes Incorporated DGD2106MS8-13 Datasheet HTML 7Page - Diodes Incorporated DGD2106MS8-13 Datasheet HTML 8Page - Diodes Incorporated DGD2106MS8-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD2106M
Document number: DS39673 Rev. 7 - 2
1 of 11
www.diodes.com
April 2021
© Diodes Incorporated
DGD2106M
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Description
The DGD2106M is a High-voltage / High-speed gate driver capable of
driving N-Channel MOSFETs and IGBTs in a High-Side/Low-Side
configuration.
High
voltage
processing
techniques
enable
the
DGD2106M
’s high-side to switch to 600V in a bootstrap operation.
The DGD2106M logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) to interface easily with controlling
devices. The driver outputs feature high pulse current buffers
designed for minimum driver cross conduction.
The DGD2106M is available in a space saving SO-8 package and
operates over an extended -40°C to +125°C temperature range.
Applications
DC-DC Converters
DC-AC Inverters
AC-DC Power Supplies
Motor Controls
Class D Power Amplifiers
Features
Floating High-Side Driver in Bootstrap Operation to 600V
Drives Two N-Channel MOSFETs or IGBTs in
High-Side/Low-Side Configuation
Outputs Tolerant to Negative Transients
Wide Logic and Low-Side Gate Driver Supply Voltage: 10V to
20V
Logic Input (HIN and LIN) 3.3V Capability
Schmitt Triggered Logic Inputs with Internal Pull Down
Undervoltage Lockout for VCC
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q101, PPAP capable, and
manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: SO-8 (Standard)
Case Material: Molded Plastic
. “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads. Solderable per MIL-
STD-202, Method 208
Weight: 0.075 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DGD2106MS8-13
DGD2106M
13
12
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
SO-8
Top View
Typical Configuration
DGD2106M
YY WW
= Manufacturer’s Marking
DGD2106M = Product Type Marking Code
YY = Year (ex: 21 = 2021)
WW or WW
– = Week (01 to 53)


Similar Part No. - DGD2106MS8-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2106MS8-13 DIODES-DGD2106MS8-13 Datasheet
660Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2106MS8-13 DIODES-DGD2106MS8-13 Datasheet
843Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 6
More results

Similar Description - DGD2106MS8-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2101 DIODES-DGD2101 Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8 (TYPE TH)
Rev 2
DGD2106 DIODES-DGD2106 Datasheet
722Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 3
DGD2181 DIODES-DGD2181 Datasheet
484Kb / 7P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 1
DGD2190 DIODES-DGD2190 Datasheet
690Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 3
DGD21904 DIODES-DGD21904 Datasheet
729Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev 1
DGD2106M DIODES-DGD2106M_V01 Datasheet
843Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 6
DGD2190M DIODES-DGD2190M Datasheet
741Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
October 2019
DGD2005 DIODES-DGD2005_V01 Datasheet
765Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 5 - 2 April 2021
DGD2101M DIODES-DGD2101M_V01 Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
DGD2181M DIODES-DGD2181M_V01 Datasheet
607Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com