Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DGD2181M Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD2181M
Description  HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2181M Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD2181M Datasheet HTML 1Page - Diodes Incorporated DGD2181M Datasheet HTML 2Page - Diodes Incorporated DGD2181M Datasheet HTML 3Page - Diodes Incorporated DGD2181M Datasheet HTML 4Page - Diodes Incorporated DGD2181M Datasheet HTML 5Page - Diodes Incorporated DGD2181M Datasheet HTML 6Page - Diodes Incorporated DGD2181M Datasheet HTML 7Page - Diodes Incorporated DGD2181M Datasheet HTML 8Page - Diodes Incorporated DGD2181M Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD2181M
Document number: DS41248 Rev. 2 - 2
1 of 11
www.diodes.com
October 2019
© Diodes Incorporated
DGD2181M
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Description
The DGD2181M is a high-voltage / high-speed gate driver capable of
driving N-Channel MOSFETs and IGBTs in a half-bridge configuration.
High-voltage processing techniques enable the DGD2181M
’s high-side
to switch to 600V in a bootstrap operation.
The DGD2181M logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) for easy interfacing with controlling
devices. The driver outputs feature high-pulse current buffers designed
for minimum driver cross conduction.
The DGD2181M is offered in SO-8 package and the operating
temperature extends from -40°C to +125°C.
Applications
DC-DC Converters
DC-AC Inverters
AC-DC Power Supplies
Motor Controls
Class D Power Amplifiers
Features
Floating High-Side Driver in Bootstrap Operation to 600V
Drives Two N-Channel MOSFETs or IGBTs in a Half Bridge
Configuration
1.9A Source / 2.3A Sink Output Current Capability
Outputs Tolerant to Negative Transients
Wide Low-Side Gate Driver and Logic Supply: 10V to 20V
Logic Input (HIN and LIN) 3.3V Capability
Schmitt Triggered Logic Inputs with Internal Pull Down
Undervoltage Lockout for High and Low Side Drivers
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q101, PPAP capable, and
manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: SO-8 (Type TH)
Case Material: Molded Plastic
. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads. Solderable per MIL-
STD-202, Method 208
Weight: 0.075 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DGD2181MS8-13
DGD2181M
13
12
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes
Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
SO-8
Top View
Typical Configuration
DGD2181M
YY WW
= Manufacturer’s Marking
DGD2181M = Product Type Marking Code
YY = Year (ex: 19 = 2019)
WW = Week (01 to 53)


Similar Part No. - DGD2181M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD2181MS8-13 DIODES-DGD2181MS8-13 Datasheet
576Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
More results

Similar Description - DGD2181M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2101 DIODES-DGD2101 Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8 (TYPE TH)
Rev 2
DGD2106 DIODES-DGD2106 Datasheet
722Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 3
DGD2181 DIODES-DGD2181 Datasheet
484Kb / 7P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 1
DGD2190 DIODES-DGD2190 Datasheet
690Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 3
DGD21904 DIODES-DGD21904 Datasheet
729Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev 1
DGD2106M DIODES-DGD2106M_V01 Datasheet
843Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 6
DGD2190M DIODES-DGD2190M Datasheet
741Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
October 2019
DGD2005 DIODES-DGD2005_V01 Datasheet
765Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 5 - 2 April 2021
DGD2101M DIODES-DGD2101M_V01 Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
DGD2106M DIODES-DGD2106M_V02 Datasheet
909Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 7 - 2 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com