Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1679IPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1679IPWR
Description  OPA167x Low-Distortion Audio Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1679IPWR Datasheet(HTML) 2 Page - Texas Instruments

  OPA1679IPWR Datasheet HTML 1Page - Texas Instruments OPA1679IPWR Datasheet HTML 2Page - Texas Instruments OPA1679IPWR Datasheet HTML 3Page - Texas Instruments OPA1679IPWR Datasheet HTML 4Page - Texas Instruments OPA1679IPWR Datasheet HTML 5Page - Texas Instruments OPA1679IPWR Datasheet HTML 6Page - Texas Instruments OPA1679IPWR Datasheet HTML 7Page - Texas Instruments OPA1679IPWR Datasheet HTML 8Page - Texas Instruments OPA1679IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 6
6.1 Absolute Maximum Ratings........................................ 6
6.2 ESD Ratings............................................................... 6
6.3 Recommended Operating Conditions.........................6
6.4 Thermal Information: OPA1677.................................. 7
6.5 Thermal Information: OPA1678.................................. 7
6.6 Thermal Information: OPA1679.................................. 7
6.7 Electrical Characteristics.............................................8
6.8 Typical Characteristics................................................ 9
7 Detailed Description......................................................14
7.1 Overview................................................................... 14
7.2 Functional Block Diagram......................................... 14
7.3 Feature Description...................................................14
7.4 Device Functional Modes..........................................17
8 Application and Implementation.................................. 18
8.1 Application Information............................................. 18
8.2 Typical Applications.................................................. 19
8.3 Power Supply Recommendations.............................25
8.4 Layout....................................................................... 25
9 Device and Documentation Support............................27
9.1 Device Support......................................................... 27
9.2 Documentation Support............................................ 28
9.3 Receiving Notification of Documentation Updates....28
9.4 Support Resources................................................... 28
9.5 Trademarks...............................................................28
9.6 Electrostatic Discharge Caution................................28
9.7 Glossary....................................................................28
10 Mechanical, Packaging, and Orderable
Information.................................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (December 2021) to Revision E (December 2022)
Page
• Change OPA1677 D (SOIC, 8) package from preview to production data (active)............................................ 1
Changes from Revision C (April 2019) to Revision D (December 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Added OPA1677 production data (active) device and associated content......................................................... 1
Changes from Revision B (June 2018) to Revision C (April 2019)
Page
• Changed status of OPA1679 QFN package to production data......................................................................... 1
• Changed GPN BUF634A in Figure 8-6, Composite Headphone Amplifier (Single-Channel Shown) ..............24
Changes from Revision A (May 2018) to Revision B (June 2018)
Page
• Added content re: preview QFN (RUM) package............................................................................................... 1
Changes from Revision * (February 2017) to Revision A (May 2018)
Page
• Added DRG (SON) 8-pin package to Device Information table..........................................................................1
• Added SON-8 package to Features list.............................................................................................................. 1
• Added DRG (SON) 8-pin pinout drawing to Pin Configuration and Functions section....................................... 3
• Added thermal pad information to Pin Functions: OPA1678 table......................................................................3
OPA1677, OPA1678, OPA1679
SBOS855E – JANUARY 2017 – REVISED DECEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA1677 OPA1678 OPA1679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com