Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLS3XP4BB39X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # DLS3XP4BB39X
Description  D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS rear:5.8mm snap-in/front:5.0mm open hex rivet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

DLS3XP4BB39X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  DLS3XP4BB39X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - DLS3XP4BB39X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
DLS3XP4BB39X CONEC-DLS3XP4BB39X Datasheet
57Kb / 1P
D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS rear:5.8mm snap-in/front:5.0mm open hex rivet
26.01.2006
DLS3XP4BB39X CONEC-DLS3XP4BB39X Datasheet
57Kb / 1P
D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS rear:5.8mm snap-in/front:5.0mm open hex rivet
26.01.2006
DLS3XP4BB39X CONEC-DLS3XP4BB39X Datasheet
62Kb / 1P
D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS rear:5.8mm snap-in/front:5.0mm open hex rivet
26.01.2006
More results

Similar Description - DLS3XP4BB39X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
DLS1XS4AA39X CONEC-DLS1XS4AA39X Datasheet
60Kb / 1P
D-SUB FEMALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS rear:5.8mm snap-in/front:5.0mm open hex rivet
24.01.2006
DLS2XP4AA39X CONEC-DLS2XP4AA39X Datasheet
57Kb / 1P
D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS rear:5.8mm snap-in/front:5.0mm open hex rivet
26.01.2006
DLS2XS4AA35X CONEC-DLS2XS4AA35X Datasheet
57Kb / 1P
D-SUB FEMALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS with 5.8mm snap-in rivet
06.10.2005
DLS2XS4AA39X CONEC-DLS2XS4AA39X Datasheet
60Kb / 1P
D-SUB FEMALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS rear:5.8mm snap-in/front:5.0mm open hex rivet
24.01.2006
DLS3XP4AA39X CONEC-DLS3XP4AA39X Datasheet
57Kb / 1P
D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS rear:5.8mm snap-in/front:5.0mm open hex rivet
26.01.2006
DLS3XS4AA39X CONEC-DLS3XS4AA39X Datasheet
66Kb / 1P
D-SUB FEMALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS rear:5.8mm snap-in/front:5.0mm open hex rivet
24.01.2006
DLS4XP4AA39X CONEC-DLS4XP4AA39X Datasheet
62Kb / 1P
D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS rear:5.8mm snap-in/front:5.0mm open hex rivet
26.01.2006
DLS4XS4AA39X CONEC-DLS4XS4AA39X Datasheet
66Kb / 1P
D-SUB FEMALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS rear:5.8mm snap-in/front:5.0mm open hex rivet
24.01.2006
DLS5XP4AA39X CONEC-DLS5XP4AA39X Datasheet
61Kb / 1P
D-SUB MALE STRAIGHT PCB TYPE 50pos. rear:5.8mm snap-in/front:5.0mm open hex rivet
15.07.2015
DLS5XS4AA39X CONEC-DLS5XS4AA39X Datasheet
72Kb / 1P
D-SUB FEMALE 50pos. PCB STRAIGHT STAMPED CONTACTS rear: 5.8mm snap-in/front:5.0mm open hex rivet
18.09.2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com