Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

325-059-500-108 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 325-059-500-108
Description  325 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.300" (7.62mm) Row Spacing | 0.600" (15.24mm) Insulator Height
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

325-059-500-108 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  325-059-500-108 Datasheet HTML 1Page - EDAC, All Rights Reserved. 325-059-500-108 Datasheet HTML 2Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
www.edac.net
customerservice@edac.net
Specifications:
Ordering Code Notes:
1) All connector sizes up to 61 contacts single row / 122 contacts dual row
are available upon request.
2) For details of the mounting options, refer to next pages.
Insulator Material
UL 94V-0 Diallyl Phthalate, Green Color
Contact Material
Copper Alloy
Contact Plating
Gold Plating on mating area and Tin Plating on tails with Nickel underplating all over
Current Rating
3 amps
Contact Resistance
10 milliohms maximum
Dielectric Withstanding Voltage
1200 V AC rms at sea level between adjacent contacts
Insulation Resistance
5000 megaohms minimum
Operating Temperature
-65°C to +125°C
Insertion Force
16 oz (4.45 N) maximum per contact pair when tested with .135” (3.43mm) thick gauge
Withdrawal Force
1 oz (0.28 N) minimum per contact pair when tested with .115” (2.92mm) thick gauge
•
0.100” (2.54mm) contact spacing x 0.300” (7.62mm) row spacing
•
Accepts 0.125” (3.18mm) nominal thickness P.C. board
•
Contact termination options include P.C. tail, wire hole and 0.025” (0.64mm) square wire wrap
•
High profile insulator body 0.600” (15.24mm)
•
Single or dual row configurations
•
Variety of mounting options
•
Accepts in-contact polarizing keys
•
Automatic wire wrap positioning holes
•
RoHS Compliant
Card Edge Connectors 0.100” (2.54mm) Pitch
325 SERIES
Series
Total Number of Contacts
Contact Code
Contact Rows
Mounting Options
Example Part Number:
325-122-520-209
P/N 325-240-328
POLARIZING KEY
IN-CONTACT
Series:
325
Total Number of Contacts:
Contact Rows:
005, 006, . . . . 061
Single Row
010, 012, . . . . 122
Dual Row
Mounting Options:
Description:
01
No Mounting Lug
07
M3-0.5 Metric Threaded Inserts
08
#4-40 Unified Threaded Inserts
09
Ø.160” (Ø4.06mm) Mounting Holes
Contact Code:
Description:
Contact Point:
Tail Length “G”:
500
Wire Hole
.050 x .025 (1.27 x 0.64)
.260 (6.60)
520
P.C. Tail
.025 Square (0.64 Square)
.175 (4.45
540
Wire Wrap
.025 Square (0.64 Square)
.560 (14.22)
Contact Rows:
Description:
1
Single Row
2
Dual Row


Similar Part No. - 325-059-500-108

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
325-059-500-108 EDAC-325-059-500-108 Datasheet
122Kb / 2P
325 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.300" (7.62mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results

Similar Description - 325-059-500-108

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
325-030-500-101 EDAC-325-030-500-101 Datasheet
114Kb / 2P
325 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.300" (7.62mm) Row Spacing | 0.600" (15.24mm) Insulator Height
325-030-500-109 EDAC-325-030-500-109 Datasheet
115Kb / 2P
325 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.300" (7.62mm) Row Spacing | 0.600" (15.24mm) Insulator Height
325-031-500-101 EDAC-325-031-500-101 Datasheet
114Kb / 2P
325 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.300" (7.62mm) Row Spacing | 0.600" (15.24mm) Insulator Height
325-031-500-109 EDAC-325-031-500-109 Datasheet
115Kb / 2P
325 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.300" (7.62mm) Row Spacing | 0.600" (15.24mm) Insulator Height
325-032-500-101 EDAC-325-032-500-101 Datasheet
115Kb / 2P
325 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.300" (7.62mm) Row Spacing | 0.600" (15.24mm) Insulator Height
325-033-540-108 EDAC-325-033-540-108 Datasheet
114Kb / 2P
325 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.300" (7.62mm) Row Spacing | 0.600" (15.24mm) Insulator Height
325-035-500-109 EDAC-325-035-500-109 Datasheet
109Kb / 2P
325 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.300" (7.62mm) Row Spacing | 0.600" (15.24mm) Insulator Height
325-035-520-107 EDAC-325-035-520-107 Datasheet
114Kb / 2P
325 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.300" (7.62mm) Row Spacing | 0.600" (15.24mm) Insulator Height
325-035-520-109 EDAC-325-035-520-109 Datasheet
114Kb / 2P
325 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.300" (7.62mm) Row Spacing | 0.600" (15.24mm) Insulator Height
325-036-500-108 EDAC-325-036-500-108 Datasheet
110Kb / 2P
325 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.300" (7.62mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com