Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

325-059-500-109 Datasheet(PDF) 2 Page - EDAC, All Rights Reserved.

Part # 325-059-500-109
Description  325 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.300" (7.62mm) Row Spacing | 0.600" (15.24mm) Insulator Height
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

325-059-500-109 Datasheet(HTML) 2 Page - EDAC, All Rights Reserved.

  325-059-500-109 Datasheet HTML 1Page - EDAC, All Rights Reserved. 325-059-500-109 Datasheet HTML 2Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.edac.net
customerservice@edac.net
Card Edge Connectors 0.100” (2.54mm) Pitch
325 SERIES
NUMBER OF CONTACTS
"A"
"B"
"C"
"D"
"E"
Single
Double
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
5
10
1.355
34.42
1.056
26.82
0.722
18.34
0.600
15.24
0.400
10.16
15
30
2.355
59.82
2.056
52.22
1.722
43.74
1.600
40.64
1.400
35.56
18
36
2.655
67.44
2.356
59.84
2.022
51.36
1.900
48.26
1.700
43.18
22
44
3.055
77.60
2.756
70.00
2.422
61.52
2.300
58.42
2.100
53.34
15
30
3.355
85.22
3.056
77.62
2.722
69.14
2.600
66.04
2.400
60.96
30
60
3.855
97.92
3.556
90.32
3.222
81.84
3.100
78.74
2.900
73.66
36
72
4.455
113.16
4.156
105.56
3.822
97.08
3.700
93.98
3.500
88.90
40
80
4.855
123.32
4.556
115.72
4.222
107.24
4.100
104.14
3.900
99.06
43
86
5.155
130.94
4.856
123.34
4.522
114.86
4.400
111.76
4.200
106.68
50
100
5.855
148.72
5.556
141.12
5.222
132.64
5.100
129.54
4.900
124.46
61
122
6.955
176.66
6.656
169.06
6.322
160.58
6.200
157.48
6.000
152.40
21
22
+.000
-.015 (0.38)
MINUS .012 (0.30)
IN-CONTACT POLARIZING KEY
.080 (2.03) CUT OUT FOR
(8.13)
(7.62)
REF.
(7.92)
.312
(THREADED INSERTS)
CODES x07 & xO8
MTG. OPTION
B
M3-0.5(METRIC)
CODE X07
CODE X07 AND X08- THREADED INSERTS
THREADED
INSERT
"A" DIA.
#4-40 UNC
CODE X08
0.160(4.06)
MTG. OPTION
CODE xO9
EVEN NUMBERED SIDE
ROW CONNECTORS ON
CONTACTS FOR SINGLE
.300
CONTACT POSITION
SECTION THROUGH
.127 (3.23)
CONTACT
POINT OF
.297 (7.54)
CARD SLOT
CARD SLOT ACCEPTS .115 (2.92) TO
.135 (3.43) THICK P.C. BOARDS
.600
(15.24)
(12.46)
.490
SLOT AND HOLE
POSITIONING
WIRE WRAP
.030 X .080 (0.76 X 2.03)
.100 (2.54)
WIRE HOLE
2 4 6
10 12 14 16
20
18
24 26
Ø.160 (4.06)
36
32
28 30
34
38 40 42
(NO MTG. LUGS)
CODE X09 - THROUGH MTG. HOLES
MTG. OPTION
CODE x01
B
CODE X09
C
"A" DIA.
THROUGH
HOLES
INSERTS
.320
39
37
35
33
31
29
41
27
23
19
17
15
13
11
25
3
9
1
5 7
PANEL MOUNT
CUT OUT
.520 (13.21)
.300(7.62)
.150 (3.81) PANEL MOUNT CUT OUT
(2.54)
.100
.042 (1.07) +.004 (0.10)/-.000
FOR P.C. TAILS
.008 (0.20) DIA
8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com