Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS36 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS36
Description  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS36 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS36 Datasheet HTML 11Page - Texas Instruments TPS36 Datasheet HTML 12Page - Texas Instruments TPS36 Datasheet HTML 13Page - Texas Instruments TPS36 Datasheet HTML 14Page - Texas Instruments TPS36 Datasheet HTML 15Page - Texas Instruments TPS36 Datasheet HTML 16Page - Texas Instruments TPS36 Datasheet HTML 17Page - Texas Instruments TPS36 Datasheet HTML 18Page - Texas Instruments TPS36 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Watchdog Timer
Logic
WDO
Logic
Oscillator
VDD
WD_EN
SET0
WDI
GND
WDO
Figure 8-4. Pinout Option J
Capacitance
Detection
Watchdog Timer
Logic
WDO
Logic
Oscillator
VDD
CRST
CWD
WDI
GND
WDO
Figure 8-5. Pinout Option K
8.3 Feature Description
8.3.1 Timeout Watchdog Timer
The TPS3435 offers high precision timeout watchdog timer monitoring. The device is available in multiple pinout
options A to K which support multiple features to meet ever expanding needs of various applications. Ensure a
correct pinout is selected to meet the application needs.
The timeout watchdog is active when the VDD voltage is higher than the VDDMIN, MR voltage is held higher than
0.7 x VDD and watchdog is enabled. TPS3435 family offers various startup time delay options to ensure enough
time is available for the host to complete boot operation. Please refer Section 8.3.1.3 for additional details.
The timeout watchdog timer monitors the WDI pin for falling edge in the time frame defined by tWD time period.
Refer Section 8.3.1.1 section to arrive at the relevant tWD value needed for application. The timer value is reset
when a valid falling edge is detected on WDI pin in the tWD time duration. When a valid WDI transition is not
detected in tWD time, the device asserts WDO output. The WDO is asserted for time tWDO. Refer Section 8.3.3 to
arrive at the relevant tWDO value needed for application.
Figure 8-6 shows the basic operation for timeout watchdog timer operation. The TPS3435 watchdog functionality
supports multiple features. Details are available in following sub sections.
www.ti.com
TPS3435
SNVSCF7 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com