Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1510GS Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1510GS
Description  1-Form-A Solid State Relay with Integrated Current Limit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1510GS Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1510GS Datasheet HTML 1Page - Clare, Inc. CPC1510GS Datasheet HTML 2Page - Clare, Inc. CPC1510GS Datasheet HTML 3Page - Clare, Inc. CPC1510GS Datasheet HTML 4Page - Clare, Inc. CPC1510GS Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1510
www.clare.com
3
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
CPC1510
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25ºC)
I
F = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
35
30
25
20
15
10
5
0
8
9
10
12
11
13
On-Resistance (Ω)
CPC1510
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25ºC)
(Load Current = 100mA
DC; IF = 5mADC)
CPC1510
Typical I
F for Switch Dropout
(N=50 Ambient Temperature = 25ºC)
25
20
15
10
5
0
0.75
1.35
1.95
1.05
1.65
2.25
LED Current (mA)
0.26
0.32
0.38
0.23
0.29
0.35
Turn-On (ms)
25
20
15
10
5
0
CPC1510
Typical Turn-On Time
(N=50 Ambient Temperature = 25ºC)
(Load Current = 100mA
DC; IF = 5mADC)
0.17
0.27
0.37
0.12
0.22
0.32
Turn-Off (ms)
25
20
15
10
5
0
CPC1510
Typical Turn-Off Time
(N=50 Ambient Temperature = 25ºC)
(Load Current = 100mA
DC; IF = 5mADC)
CPC1510
Typical Load Current vs. Temperature
(N=50 Anbient Temperature = 25ºC)
Temperature (ºC)
600
500
400
300
200
100
0
-40
-20
0
20
40
60
80
120
100
I
F = 10mA
DC Configuration
AC/DC Configuration
I
F = 5mA
I
F = 10mA
I
F = 5mA
CPC1510
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (ºC)
-40
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
CPC1510
Typical Turn-On vs. Temperature
(Load Current = 100mA
DC)
I
F = 5mA
-40
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100 120
I
F = 10mA
Temperature (ºC)
CPC1510
Typical Turn-Off vs. Temperature
(Load Current = 100mA
DC)
-40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
I
F = 5mA
Temperature (ºC)
CPC1510
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-20
0
20
40
60
80
120
100
I
F = 50mA
I
F = 10mA
I
F = 5mA
CPC1510
Typical Turn-On vs.LED Forward Current
(Load Current = 100mA
DC)
Forward Current (mA)
0
5
10 15 20 25 30 35 40 45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
50
CPC1510
Typical I
F for Switch Operation
(N=50 Ambient Temperature = 25ºC)
(Load Current = 100mA
DC)
0.75
1.35
1.95
1.05
1.65
2.25
LED Current (mA)
25
20
15
10
5
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com