Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAA125PL Datasheet(PDF) 1 Page - Clare, Inc.

Part # LAA125PL
Description  Single Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA125PL Datasheet(HTML) 1 Page - Clare, Inc.

  LAA125PL Datasheet HTML 1Page - Clare, Inc. LAA125PL Datasheet HTML 2Page - Clare, Inc. LAA125PL Datasheet HTML 3Page - Clare, Inc. LAA125PL Datasheet HTML 4Page - Clare, Inc. LAA125PL Datasheet HTML 5Page - Clare, Inc. LAA125PL Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-LAA125L-R10
1
LAA125L
Single Pole OptoMOS® Relays
Part #
Description
LAA125L
8 Pin DIP (50/Tube)
LAA125LS
8 Pin Surface Mount (50/Tube)
LAA125LSTR
8 Pin Surface Mount (1,000/Reel)
LAA125PL
8 Pin Flat Pack (50/Tube)
LAA125PLTR
8 Pin Flat Pack (1,000/Reel)
LAA125L
Units
Blocking Voltage
350
V
P
Load Current
150
mA
Max R
ON
18
Ω
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
•
Small 8 Pin Packages
•
Low Drive Power Requirements (TTL/CMOS
Compatible)
•
No Moving Parts
•
High Reliability
•
Arc-Free With No Snubbing Circuits
•
3750V
RMS Input/Output Isolation
•
No EMI/RFI Generation
•
Machine Insertable, Wave Solderable
•
Surface Mount and Tape & Reel Versions Available
•
Current Limiting
•
Flammability classification rating: V-0
•
Telecommunications
•
Telecom Switching
•
Tip/Ring Circuits
•
Modem Switching (Laptop, Notebook, Pocket
Size)
•
Hook Switch
•
Dial Pulsing
•
Ground Start
•
Ringing Injection
•
Instrumentation
•
Multiplexers
•
Data Acquisition
•
Electronic Switching
•
I/O Subsystems
•
Meters (Watt-Hour, Water, Gas)
•
Medical Equipment-Patient/Equipment Isolation
•
Security
•
Aerospace
•
Industrial Controls
LAA125L is a 350V, 150mA, 18Ω dual 1-Form-A
relay. It combines enhanced peak load current
capability and current limiting with low on-resistance.
•
UL Recognized: File Number E76270
•
CSA Certified: File Number LR 43639
•
Certified to:
•
EN 60950
•
EN 41003
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
AC/DC Configuration
LAA125L Pinout


Similar Part No. - LAA125PL

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA125PL IXYS-LAA125PL Datasheet
134Kb / 7P
Dual Single Pole OptoMOS Relays
LAA125PLTR IXYS-LAA125PLTR Datasheet
134Kb / 7P
Dual Single Pole OptoMOS Relays
More results

Similar Description - LAA125PL

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA126 CLARE-LCA126 Datasheet
100Kb / 6P
Single Pole OptoMOS Relays
PAA110 CLARE-PAA110 Datasheet
148Kb / 7P
Single Pole OptoMOS Relays
PAA140 CLARE-PAA140 Datasheet
150Kb / 7P
Single Pole OptoMOS Relays
PLA110 CLARE-PLA110 Datasheet
482Kb / 6P
Single Pole OptoMOS Relays
PLA132 CLARE-PLA132 Datasheet
75Kb / 4P
SINGLE POLE OptoMOS Relays
PLA140L CLARE-PLA140L Datasheet
138Kb / 6P
Single Pole OptoMOS Relays
LBA126L CLARE-LBA126L Datasheet
117Kb / 4P
Single Pole OptoMOS Relays
LCA712 CLARE-LCA712 Datasheet
277Kb / 6P
Single Pole OptoMOS Relays
PLA192 CLARE-PLA192 Datasheet
483Kb / 5P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA191 IXYS-PLA191 Datasheet
122Kb / 7P
Single Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com